Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8748 Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8748
Description  PCI Express Gen 3 Switch, 48 Lanes, 12 Ports
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8748 Datasheet(HTML) 1 Page - PLX Technology

  PEX8748 Datasheet HTML 1Page - PLX Technology PEX8748 Datasheet HTML 2Page - PLX Technology PEX8748 Datasheet HTML 3Page - PLX Technology PEX8748 Datasheet HTML 4Page - PLX Technology PEX8748 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PEX 8748, PCI Express Gen 3 Switch, 48 Lanes, 12 Ports
Highlights
PEX 8748 General Features
o
48-lane, 12-port PCIe Gen 3 switch
-
Integrate 8.0 GT/s SerDes
d
27 x 27mm
2, 676-pin FCBGA package
o
o
Typical Power: 8.0 Watts
res
PEX 8748 Key Featu
o
a
St ndards Compliant
-
PCI Express Base Specification, r3.0
)
(compatible w/ PCIe r1.0a/1.1 & 2.0
ec, r1.2
-
PCI Power Management Sp
-
Microsoft Vista Compliant
ices
-
Supports Access Control Serv
-
Dynamic link-width control
peed control
-
Dynamic SerDes s
o
gh
Hi
Performance
♦
performancePAK
ng (bandwidth throttling)
Read Paci
Multicast
t Pool
Dynamic Buffer/FC Credi
ic
-
Non-blocking switch fabr
-
Full line rate on all ports
-
Packet Cut-Thru with 100ns max packet
latency (x16 to x16)
-
2KB Max Payload Size
o
Flexible Configuration
6
-
Ports configurable as x1, x2, x4, x8, x1
-
Registers configurable with strapping
2
t software
pins, EEPROM, I C, or hos
-
Lane and polarity reversal
-
Compatible with PCIe 1.0a PM
o
Multi-Host & Fail-Over Support
sparent (NT) port
-
Configurable Non-Tran
-
Failover with NT port
-
Up to 6 upstream/Host ports with 1+1 or
tream ports
N+1 failover to other ups
o
Quality of Service (QoS)
-
Eight traffic classes per port
-
Weighted round-robin source
port arbitration
o
ailability, Serviceability
Reliability, Av
♦ visionPAK
Per Port Performance Monitoring
header counters
Per port payload &
SerDes Eye Capture
PCIe Packet Generator
Error Injection and Loopback
nals
-
3 Hot Plug Ports with native HP Sig
-
All ports hot plug capable thru I
2C
port)
(Hot Plug Controller on every
bit support
-
ECRC and Poison
-
Data Path parity
-
Memory (RAM) Error Correction
ignals
-
INTA# and FATAL_ERR# s
-
Advanced Error Reporting
-
ailable
Port Status bits and GPIO av
• Per port error diagnostics
-
JTAG AC/DC boundary scan
The ExpressLane™ PEX 8748 device offers Multi-Host PCI Express
switching capability enabling users to connect multiple hosts to their
respective endpoints via scalable, high bandwidth, non-blocking
interconnection to a wide variety of applications including servers,
storage, communications, and graphics platforms. The PEX 8748 is
well suited for fan-out, aggregation, and peer-to-peer traffic patterns.
Multi-Host Architecture
The PEX 8748 employs an enhanced version of PLX’s field tested PEX 8648
PCIe switch architecture, which allows users to configure the device in legacy
single-host mode or multi-host mode with up to six host ports capable of 1+1
(one active & one backup) or N+1 (N active & one backup) host failover. This
powerful architectural enhancement enables users to build PCIe based systems
to support high-availability, failover, redundant, or clustered systems.
High Performance & Low Packet Latency
The PEX 8748 architecture supports packet cut-thru with a maximum
latency of 100ns (x16 to x16). This, combined with large packet memory,
flexible common buffer/FC credit pool and non-blocking internal switch
architecture, provides full line rate on all ports for performance-hungry
applications such as servers and switch fabrics. The low latency enables
applications to achieve high throughput and performance. In addition to low
latency, the device supports a packet payload size of up to 2048 bytes,
enabling the user to achieve even higher throughput.
Data Integrity
The PEX 8748 provides end-to-end CRC (ECRC) protection and Poison bit
support to enable designs that require end-to-end data integrity. PLX also
supports data path parity and memory (RAM) error correction circuitry
throughout the internal data paths as packets pass through the switch.
Flexible Configuration
The PEX 8748’s 12 ports can be
configured to lane widths of x1,
x2, x4, x8, or x16. Flexible buffer
allocation, along with the device's
flexible packet flow control,
maximizes
throughput
for
applications where more traffic
flows in the downstream, rather
than upstream, direction. Any
port can be designated as the
upstream port, which can be
changed dynamically. Figure 1
shows some of the PEX 8748’s
common port configurations in
legacy Single-Host mode.
Figure 1. Common Port Configurations
PEX 8748
PEX 8748
x4
PEX 8748
PEX 8748
x8
PEX 8748
PEX 8748
x8
PEX 8748
PEX 8748
x8
11 x4
2 x4
4 x8
10 x4
6x4
2 x8
Figure 1. Common Port Configurations
PEX 8748
PEX 8748
PEX 8748
PEX 8748
x4
PEX 8748
PEX 8748
PEX 8748
PEX 8748
x8
PEX 8748
PEX 8748
PEX 8748
PEX 8748
x8
PEX 8748
PEX 8748
PEX 8748
PEX 8748
x8
11 x4
2 x4
4 x8
10 x4
6x4
2 x8
© PLX Technology, www.plxtech.com
Page 1 of 5
10/20/2010, Version 1.0


Similar Part No. - PEX8748

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8748 AVAGO-PEX8748 Datasheet
393Kb / 5P
PCI Express Gen 3 Switch
More results

Similar Description - PEX8748

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8649 PLX-PEX8649 Datasheet
415Kb / 5P
PCI Express Gen 2 Switch, 48 Lanes, 12 Ports
PEX8664 PLX-PEX8664 Datasheet
387Kb / 5P
PCI Express Gen 2 Switch, 64 Lanes, 16 Ports
PEX8680 PLX-PEX8680 Datasheet
356Kb / 5P
PCI Express Gen 2 Switch, 80 Lanes, 20 Ports
PEX8696 PLX-PEX8696 Datasheet
314Kb / 5P
PCI Express Gen 2 Switch, 96 Lanes, 24 Ports
PEX8733 PLX-PEX8733 Datasheet
659Kb / 5P
PCI Express Gen 3 Switch, 32 Lanes, 18 Ports
PEX8734 PLX-PEX8734 Datasheet
556Kb / 5P
PCI Express Gen3 Switch, 32 Lanes, 8 Ports
PEX8747 PLX-PEX8747 Datasheet
599Kb / 4P
PCI Express Gen 3 Switch, 48 Lanes, 5 Ports
PEX8749 PLX-PEX8749 Datasheet
807Kb / 5P
PCI Express Gen 3 Switch, 48 Lanes, 18 Ports
PEX8764 PLX-PEX8764 Datasheet
590Kb / 5P
PCI Express Gen3 Switch, 64 Lanes, 16 Ports
PEX8796 PLX-PEX8796 Datasheet
570Kb / 5P
PCI Express Gen3 Switch, 96 Lanes, 24 Ports
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com