Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4CS101 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MA4CS101
Description  Surface Mount Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MA4CS101 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MA4CS101 Datasheet HTML 1Page - List of Unclassifed Manufacturers MA4CS101 Datasheet HTML 2Page - List of Unclassifed Manufacturers MA4CS101 Datasheet HTML 3Page - List of Unclassifed Manufacturers MA4CS101 Datasheet HTML 4Page - List of Unclassifed Manufacturers MA4CS101 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel.
+44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
5
Specifications Subject to Change Without Notice.
V3.00
Surface Mount Schottky Diodes
MA4CS101, 102, 103 Series
SOT-143
(Low Profile)
Case Styles
SOT-23
(Low Profile)
Note:
1. Applicable on all sides
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
—
0.044
—
1,10
B
—
0.004
—
0,10
C
—
0.040
—
1,00
D
0.013
0.020
0,35
0,50
E
0.003
0.006
0,08
0,15
F
0.110
0.119
2,80
3,00
G
0.047
0.056
1,20
1,40
H
0.037 typical
0,95 typical
I
0.075 typical
1,90 typical
J
0.103
2,60
K
0.024
0,60
DIM.
GRADIENT
L
10° max1
M2° ...30°
Note:
1. Applicable on all sides
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
—
0.044
—
1,10
B
—
0.004
—
0,10
C
—
0.040
—
1,00
D
0.013
0.020
0,35
0,50
E
0.030
0.035
0,75
0,90
F
0.003
0.006
0,08
0,15
G
0.110
0.119
2,80
3,00
H
0.047
0.056
1,20
1,40
I
0.075 typical
1,90 typical
J
0.040 typical
1,70 typical
K
—
0.103
—
2,60
L
—
0.024
—
0,60
DIM.
GRADIENT
M
10° max1
N2° ...30°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com