Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4CS101 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MA4CS101
Description  Surface Mount Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MA4CS101 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MA4CS101 Datasheet HTML 1Page - List of Unclassifed Manufacturers MA4CS101 Datasheet HTML 2Page - List of Unclassifed Manufacturers MA4CS101 Datasheet HTML 3Page - List of Unclassifed Manufacturers MA4CS101 Datasheet HTML 4Page - List of Unclassifed Manufacturers MA4CS101 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel.
+44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V3.00
Surface Mount Schottky Diodes
MA4CS101, 102, 103 Series
Features
q
High Performance Schottky Diodes
q
Designed for High Volume Pick and Place Assembly
q
Low Profile Surface Mount Packages - Single and
Pair Configurations
q
High Quality Products (Defect Rate Less Than 50 PPM)
q
Aggressively Priced for High Volume,
Commercial Applications
Description
Surface mount Schottky diodes are available from M/A-
COM for high volume, pick and place assembly applica-
tions. They are packaged in low profile SOT-23 and SOT-
143 packages. A variety of wiring configurations is
offered, including singles, series pairs, common cathode
pairs and unconnected pairs.
These diodes are suitable for a wide range of RF and
microwave switching, attenuator and receiver applica-
tions. The product types offered include the following:
q
General Purpose 20 and 70 Volt Schottky Diodes
q
Low Forward Voltage Schottky Diodes
These products are manufactured using Statistical Process
Control (SPC) procedures ensuring high reliability and
demonstrated defect levels less than 50 parts per million.
These units are delivered in industry standard 8 mm tape
and reel format. Standard reels contain 3,000 devices.
SOT-143
SOT-23
Configurations (Top View)


Similar Part No. - MA4CS101

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
MA4C5 EDAL-MA4C5 Datasheet
1Mb / 2P
SILICON GENERAL PURPOSE 3.0 AMP DIODES
More results

Similar Description - MA4CS101

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB501V-40-AU PANJIT-RB501V-40-AU Datasheet
77Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54FN2-AU PANJIT-BAT54FN2-AU_17 Datasheet
137Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54WS-AU PANJIT-BAT54WS-AU_17 Datasheet
198Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100AS PANJIT-BAS100AS Datasheet
149Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100CS PANJIT-BAS100CS Datasheet
147Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com