Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4041L-12-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LM4041L-12-AE3-R
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4041L-12-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LM4041L-12-AE3-R Datasheet HTML 1Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 2Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 3Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 4Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 5Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 6Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LM4041
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
2 of 7
www.unisonic.com.tw
QW-R101-027.E
M ARK I N G I N FORM AT I ON
PACKAGE
VOLTAGE CODE
MARKING
SOT-23
12: 1.2V
AD: ADJ
N4XX
1
2
3
Voltage Code
L: Lead Free
G: Halogen Free
PI N CON FI GU RAT I ON
PI N DESCRI PT I ON
UTC LM4041-1.2
PIN NO.
PIN NAME
DESCRIPTION
1
Anode
Output reference voltage, anode terminal
2
Cathode
Output reference voltage, cathode terminal
3
NC
No Connection
UTC LM4041-ADJ
PIN NO.
PIN NAME
DESCRIPTION
1
Cathode
Output reference voltage, cathode terminal
2
FB
Feedback terminal (for )
3
Anode
Output reference voltage, anode terminal



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com