Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4041L-12-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM4041L-12-AE3-R
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4041L-12-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM4041L-12-AE3-R Datasheet HTML 1Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 2Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 3Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 4Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 5Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 6Page - Unisonic Technologies LM4041L-12-AE3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
LM4041
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R101-027.E
PRECI SI ON M I CROPOWER
SH U N T V OLT AGE REFEREN CE
DESCRI PT I ON
As a shunt voltage reference integrated circuit, UTC LM4041 can
be used for widespread applications with enhancement of the
competitive advantage by saving use of external capacitors..
In order to ensure a stable output voltage, the reference not only
offers low dynamic impedance, low noise and a low temperature
coefficient, but also provides tight output tolerance (Max 1.0 %) and
low temperature coefficient (150ppm/°C).
There are two versions of 1.225V and adjustable reverse
breakdown voltage. The minimum operating current is 45
μA for the
LM4041-1.2 and the LM4041-ADJ.
However, for those applications which the output voltage needs
to be adjusted between 1.233V and 10V, an external resistor divider
is necessary.
FEAT U RES
*Output Tolerances and Temperature Coefficient: Max 1.0%, 150 ppm
*Low Output Noise : 20
μVRMS (Typ.)
* Operating Current range : 45
μA ~ 12mA
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
LM4041L-xx-AE3-R
LM4041G-xx-AE3-R
SOT-23
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LM4041L-12-AE3-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4041 NSC-LM4041 Datasheet
277Kb / 19P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041 TI-LM4041 Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041 TI-LM4041 Datasheet
501Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Zetex Semiconductors
LM4041 ZETEX-LM4041 Datasheet
106Kb / 6P
1.225V Precision micropower shunt voltage reference
logo
Texas Instruments
LM4041 TI-LM4041 Datasheet
664Kb / 28P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - LM4041L-12-AE3-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040 Datasheet
482Kb / 43P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
Precision Micropower Shunt Voltage Reference
logo
Linear Technology
LT1634 LINER-LT1634_15 Datasheet
1Mb / 14P
Micropower Precision Shunt Voltage Reference
logo
Texas Instruments
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com