Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M385G-12-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # M385G-12-AE3-R
Description  MICROPOWER VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M385G-12-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  M385G-12-AE3-R Datasheet HTML 1Page - Unisonic Technologies M385G-12-AE3-R Datasheet HTML 2Page - Unisonic Technologies M385G-12-AE3-R Datasheet HTML 3Page - Unisonic Technologies M385G-12-AE3-R Datasheet HTML 4Page - Unisonic Technologies M385G-12-AE3-R Datasheet HTML 5Page - Unisonic Technologies M385G-12-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
M385
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
2 of 6
www.unisonic.com.tw
QW-R101-028.f
M ARK I N G I N FORM AT I ON
PACKAGE
VOLTAGE CODE
MARKING
SOT-23
SOP-8
12: 1.2V
25: 2.5V
PI N CON N ECT I ON S
+
8
7
6
5
1
2
3
4
-
NC
NC
NC
NC
NC
NC
SOP-8
PI N DESCRI PT I ON S
PIN NO.
PIN NAME
PIN FUNCTION
1
NC
Not connected
2
NC
Not connected
3
NC
Not connected
4
-
Pin-sources current for normal application, the current value is the same as Pin+
5
NC
Not connected
6
NC
Not connected
7
NC
Not connected
8
+
Sinks current with a range from 20
μA to 20mA for normal applications, a stable positive
voltage, relative to Pin-, occurs on Pin-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com