Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M385G-12-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M385G-12-AE3-R
Description  MICROPOWER VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M385G-12-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M385G-12-AE3-R Datasheet HTML 1Page - Unisonic Technologies M385G-12-AE3-R Datasheet HTML 2Page - Unisonic Technologies M385G-12-AE3-R Datasheet HTML 3Page - Unisonic Technologies M385G-12-AE3-R Datasheet HTML 4Page - Unisonic Technologies M385G-12-AE3-R Datasheet HTML 5Page - Unisonic Technologies M385G-12-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
M385
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R101-028.f
M I CROPOWER V OLT AGE
REFEREN CE
DESCRI PT I ON
The UTC M385 is a micropower voltage reference. This device
features good temperature stability and extreme low dynamic
impedance when it is operated over a 20
μA to 20mA current. Low
noise and good long-term stability are achieved because the UTC
M385
bandgap reference applies only bipolar transistors and
resistors.
The UTC M385 can be used in almost any reference application
due to the exceptional tolerance of capacitive loading. This voltage
reference can be applied in portable meters, regulators, or
general-purpose analog circuitry with battery life approaching shelf
life. The wide dynamic operating range contributes to its use with
widely varying supplies with excellent regulation. The low power
drain of the UTC M385 is useful for micropower circuitry. On-chip
trimming gives it the tight voltage tolerance. Furthermore, the wide
operating current can replace older references with a tighter
tolerance.
The UTC M385 can be used in such applications, for example,
portable and battery-powered equipment, instrumentation, process
control, energy management, product testing, automotive, precision
audio components, and so on.
FEAT U RES
* Initial tolerance: 1%
* Operating current range: 10
μA~20mA for VR=1.235V
20
μA~20mA for VR=2.5V
* Low temperature coefficient
* Low voltage reference
ORDERI N G I N FORM AT I ON
Pin Assignment
Ordering Number
Package
1
2
3
Packing
M385G-xx-AE3-R
SOT-23
K
A
NC
Tape Reel
M385G-xx-AE3-A-R
SOT-23
A
K
NC
Tape Reel
M385G-xx-S08-R
SOP-8
refer to PIN CONNECTIONS
Tape Reel
Note:
xx: Output Voltage, refer to Marking Information.


Similar Part No. - M385G-12-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M385G-XX-S08-R UTC-M385G-XX-S08-R Datasheet
175Kb / 6P
MICROPOWER VOLTAGE REFERENCE
More results

Similar Description - M385G-12-AE3-R

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
MICROPOWER VOLTAGE REFERENCE
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
Micropower Voltage Reference
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
Micropower Voltage Reference
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com