Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR6517G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UR6517G-SH2-R
Description  1.8A DDR BUS TERMINATION REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR6517G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UR6517G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UR6517G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UR6517G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UR6517G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UR6517G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UR6517G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UR6517G-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
UR6517
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R131-001.B
1 .8 A DDR BU S T ERM I N AT I ON
REGU LAT OR
DESCRI PT I ON
The UR6517 is a linear regulator providing up to 1.8A transient
current sourcing and sinking capability for DDR
bus terminator
applications while regulating an output voltage to within 20mV. It
contains a high speed operational amplifier which provides fast load
transient response and only requires 10uF of ceramic output
capacitance.
The UR6517 output termination voltage tracks the reference
voltage applied at VREF pin. A resistor divider connected to VIN, GND
and VREF pins is used to force the reference voltage to VREF pin.
Additional features include current limiting protection and thermal
shutdown protection.
FEAT U RES
*DDR1/ DDR2/DDR3/DDR4 termination voltage applications
*Sink and Source Current
DDR2 1.8A Sink/Source @ VIN=1.8V
DDR3 1.5A Sink/Source @ VIN=1.5V
LPDDR3 1.2A Sink/Source @ VIN=1.35V
DDR4 1.2A Sink/Source @ VIN=1.2V
*Low output voltage offset within 20mV
*Adjustable output voltage by external resistors
*Integrated power MOS devices
*Suspend to RAM(STR) functionality
*Current Limiting Protection
*Thermal Shutdown Protection
*Cost-effective and easy to use
HSOP-8
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
UR6517L-SH2-R
UR6517G-SH2-R
HSOP-8
Tape Reel


Similar Part No. - UR6517G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR6517G-SH2-R UTC-UR6517G-SH2-R Datasheet
158Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results

Similar Description - UR6517G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
2A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
3A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
2A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
3A DDR BUS TERMINATION REGULATOR
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
3A DDR BUS TERMINATION REGULATOR
logo
Diodes Incorporated
AP2303 DIODES-AP2303 Datasheet
947Kb / 15P
DDR BUS TERMINATION REGULATOR
Rev 3
logo
Excelliance MOS Corp.
EM5045 EXCELLIANCE-EM5045 Datasheet
1Mb / 8P
1.8A Sink/Source Bus Termination Regulator
logo
Unisonic Technologies
UR5513 UTC-UR5513 Datasheet
285Kb / 6P
2A DDR BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com