Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2303 Datasheet (PDF) - Diodes Incorporated

AP2303 Datasheet PDF - Diodes Incorporated
Part # AP2303
Download  AP2303 Download
File Size   947.13 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DDR BUS TERMINATION REGULATOR

AP2303 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2303 Datasheet PDF - Diodes Incorporated

Part # AP2303
Download  AP2303 Click to download

File Size   947.13 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DDR BUS TERMINATION REGULATOR

AP2303 Datasheet (HTML) - Diodes Incorporated


AP2303 Product details

Description
The AP2303 is a low dropout linear regulator to generate termination voltage of DDR-SDRAM system. The regulator can source or sink up to 1.75A current continuously. The output voltage is regulated to track tightly with the reference voltage (1/2VDDQ) within ±10mV.

Features
• Support DDR-II (VTT=0.9V), DDR-III (VTT=0.75V), DDR-IIIL (VTT=0.675V), DDR-IV (VTT=0.6V) Application
• Source and Sink up to 1.75A Current
• Output Voltage Accuracy Over Full Load: ±2% (Max.)
• Soft Start-up and Shutdown along with VIN, VCNTL and VREFEN Rising and Shutdown along with VIN, VCNTL and VREFEN Dropping
• Flexible Output by 2 External Resistors
• Requires Minimum 10µF Output Ceramic Capacitor for Application
• Current Limit Protection for Both Source and Sink
• OTSD Protection
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• DDR-II/DDR-III/DDR-IIIL/DDR-IV Memory System
• Desktop PC, Notebook Mother Board
• Graphic Card
• STB, LCD-TV, Web-TV




Similar Part No. - AP2303

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP2303AI APME-AP2303AI Datasheet
1Mb / 7P
-17V P-Channel Enhancement Mode MOSFET
REV1.0
logo
Advanced Power Electron...
AP2303GN A-POWER-AP2303GN Datasheet
70Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
AP2303GN VBSEMI-AP2303GN Datasheet
1Mb / 9P
P-Channel 30 V (D-S) MOSFET
logo
Advanced Power Electron...
AP2303GN-HF A-POWER-AP2303GN-HF Datasheet
100Kb / 4P
Simple Drive Requirement, Small Package Outline
AP2303GN-HF A-POWER-AP2303GN-HF_14 Datasheet
100Kb / 4P
Simple Drive Requirement
More results


Similar Description - AP2303

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
3A DDR Bus Termination Regulator
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
2A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
2A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
3A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
2A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
3A DDR BUS TERMINATION REGULATOR
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
3A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
2A DDR BUS TERMINATION REGULATOR
UR5513 UTC-UR5513 Datasheet
285Kb / 6P
2A DDR BUS TERMINATION REGULATOR
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com