Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2303 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2303
Description  DDR BUS TERMINATION REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2303 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2303 Datasheet HTML 1Page - Diodes Incorporated AP2303 Datasheet HTML 2Page - Diodes Incorporated AP2303 Datasheet HTML 3Page - Diodes Incorporated AP2303 Datasheet HTML 4Page - Diodes Incorporated AP2303 Datasheet HTML 5Page - Diodes Incorporated AP2303 Datasheet HTML 6Page - Diodes Incorporated AP2303 Datasheet HTML 7Page - Diodes Incorporated AP2303 Datasheet HTML 8Page - Diodes Incorporated AP2303 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AP2303
Document number: DS36546 Rev. 3 - 2
4 of 15
www.diodes.com
September 2014
© Diodes Incorporated
AP2303
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, VIN = 1.8V/1.5V/1.35V/1.2V, VCNTL = 3.3V, VREFEN = 0.9V/0.75V/0.675V/0.6V, CIN = 10µF
(Ceramic), COUT = 10µF (Ceramic), unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input
IVCNTL
VCNTL Operating Current
No Load
–
0.5
1.5
mA
ISD-VCNTL
VCNTL Input Current in Shutdown Mode
VREFEN < 0.15V
–
30
50
µA
ISD-VIN
VIN Input Current in Shutdown Mode
VREFEN < 0.15V
-1
–
1
µA
IVREFEN
VREFEN Leakage Current
VREFEN = 0.75V
-1
–
1
µA
Output
VOS
Output Offset Voltage (Note 7)
No Load
-10
0
10
mV
VDROPOUT
Dropout Voltage
VCNTL = 3.3V, IOUT = 1A
–
220
–
mV
VCNTL = 3.3V, IOUT = 1.5A
–
400
–
VCNTL = 3.3V, IOUT = 1.75A
–
520
–
VLOAD
Load Regulation
IOUT = 0A to 1.75A
-20
–
20
mV
IOUT = 0A to -1.75A
-20
–
20
Protection
ILIMIT
Current Limit
Source
1.75
–
–
A
Sink
–
–
-1.75
ISHORT
Short Current
VOUT = 0V
–
2
–
A
VOUT = VIN
–
-2
–
TSHDN
Thermal Shutdown Temperature
3.3V
≤ VCNTL ≤ 5V
–
+160
–
°C
–
Thermal Shutdown Hysteresis
–
–
+30
–
°C
Start-up & Shutdown Function
VIH
VREFEN Shutdown Threshold Voltage
Output = High
0.4
–
–
V
VIL
Output = Low
–
–
0.15
VCNTL-ON
VCNTL Shutdown Threshold Voltage
Output = High
2.9
–
–
V
VCNTL-OFF
Output = Low
–
–
2.2
VIN-ON
VIN Shutdown Threshold Voltage
Output = High
1.1
–
–
V
VIN-OFF
Output = Low
–
–
0.4
Note 7:
VOS is the voltage measurement defined as VOUT subtracted from VREFEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com