Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2303 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2303
Description  DDR BUS TERMINATION REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2303 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2303 Datasheet HTML 1Page - Diodes Incorporated AP2303 Datasheet HTML 2Page - Diodes Incorporated AP2303 Datasheet HTML 3Page - Diodes Incorporated AP2303 Datasheet HTML 4Page - Diodes Incorporated AP2303 Datasheet HTML 5Page - Diodes Incorporated AP2303 Datasheet HTML 6Page - Diodes Incorporated AP2303 Datasheet HTML 7Page - Diodes Incorporated AP2303 Datasheet HTML 8Page - Diodes Incorporated AP2303 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AP2303
Document number: DS36546 Rev. 3 - 2
3 of 15
www.diodes.com
September 2014
© Diodes Incorporated
AP2303
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VIN
Power Input Voltage
-0.3 to 6
V
VCNTL
Control Input Voltage
-0.3 to 6
V
VREFEN
Reference Input Voltage
-0.3 to 6
V
TSTG
Storage Temperature
+150
°C
TJ
Junction Temperature
+150
°C
TLEAD
Lead Temperature (Soldering, 10sec)
+260
°C
θJA
Thermal Resistance (Junction to Ambient) (Note 5)
PSOP-8
80
°C/W
SOIC-8
110
θJC
Thermal Resistance (Junction to Case)
PSOP-8
38
°C/W
SOIC-8
50
ESD
ESD (Human Body Model)
2000
V
ESD
ESD (Machine Model)
200
V
Notes:
4. Stresses greater than
those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
5.
θ
JA is measured with the component mounted on a 2-Layer FR-4 board with 2.54cm*2.54cm thermal sink pad in free air.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCNTL
Control Input Voltage (Note 6)
3.0
5.5
V
VIN
Power Input Voltage
1.2
5.5
V
VREFEN
Reference Input Voltage
0.6
VCNTL-2.2
V
TJ
Operating Junction Temperature Range
-40
+125
°C
TA
Operating Ambient Temperature Range
-40
+85
°C
Note 6:
Keep VCNTL ≥ VIN in operation power on and power off sequences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com