Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2303 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2303
Description  DDR BUS TERMINATION REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2303 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2303 Datasheet HTML 1Page - Diodes Incorporated AP2303 Datasheet HTML 2Page - Diodes Incorporated AP2303 Datasheet HTML 3Page - Diodes Incorporated AP2303 Datasheet HTML 4Page - Diodes Incorporated AP2303 Datasheet HTML 5Page - Diodes Incorporated AP2303 Datasheet HTML 6Page - Diodes Incorporated AP2303 Datasheet HTML 7Page - Diodes Incorporated AP2303 Datasheet HTML 8Page - Diodes Incorporated AP2303 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP2303
Document number: DS36546 Rev. 3 - 2
2 of 15
www.diodes.com
September 2014
© Diodes Incorporated
AP2303
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin Number
Pin Name
Function
1
VIN
Unregulated input supply. A small 10µF MLCC should be connected from this pin to GND.
2
GND
Ground
3
VREFEN
Reference voltage input and active low shutdown control pin. Pulling the pin to ground turns off
device by BJT or FET. When it is released, a soft-start will take for about 0.1ms.
4
VOUT
Regulated voltage output. A minimum of 10µF ceramic capacitor to ground is required to assure
stability.
5, 7, 8
NC
No Connection
6
VCNTL
VCNTL supplies the internal control circuitry and provides the drive voltage.
–
Exposed Pad
The exposed pad should be connected to ground copper for better heat dissipation performance.
Functional Block Diagram
Enable
Thermal
Shutdown
Current Limit
Error
Amplifier
and
Soft Start
Power On
Reset
VCNTL
EN
VREF
OTSD
POR
VIN
VREFEN
VOUT
GND
6
3
1
4
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com