Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR6516BG-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UR6516BG-S08-R
Description  2A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR6516BG-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UR6516BG-S08-R Datasheet HTML 1Page - Unisonic Technologies UR6516BG-S08-R Datasheet HTML 2Page - Unisonic Technologies UR6516BG-S08-R Datasheet HTML 3Page - Unisonic Technologies UR6516BG-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UR6516B
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
4 of 4
www.unisonic.com.tw
QW-R502-449.b
FU N CT I ON AL DESCRI PT I ON
The UTC UR6516B is a low cost linear regulator, which can sink and source 2A of current without an external heat
sink.
The UTC UR6516B incorporates power MOSFETs that are capable of sourcing and sinking 2A of current while
keeping perfect voltage regulation. By using the external feedback, the output voltage can be regulated within 3% or
less. Separate voltage supply inputs have been added to fit applications with various power supplies for the databus
and power buses.
OUTPUTS
The VOUT pins (output voltage pins) are connected to the databus, address, or clock lines via an external inductor.
The output voltage varies depending on the input voltage.
INPUTS
The output voltage is determined by the input voltage. The desired output voltage could be programmable by two
external voltage divider resistors.
The VIN pin is suggested to connect to VDDQ of memory module for better tracking with memory VDDQ.
OTHER SUPPLY VOLTAGES
VCCA provide the voltage supply to the logic section and internal error amplifiers of UTC UR6516B.
T Y PI CAL APPLI CAT I ON CI RCU I T
VIN
GND
NC
VOUT
GND
GND
VCCA
REFEN
U1
1
2
3
4
8
7
6
C3
4.7µF
CEin
200µF
CEout
200µF
C4
4.7µF
1
2
VIN
VOUT
C2
104
R2
100K
Q1
EN
R1
100K
C1
104
VCCA
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com