Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR6516BG-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UR6516BG-S08-R
Description  2A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR6516BG-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UR6516BG-S08-R Datasheet HTML 1Page - Unisonic Technologies UR6516BG-S08-R Datasheet HTML 2Page - Unisonic Technologies UR6516BG-S08-R Datasheet HTML 3Page - Unisonic Technologies UR6516BG-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
UR6516B
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-449.b
2 A SI N K & SOU RCE
ADJ U ST ABLE LI N EAR BU S
T ERM I N AT OR
DESCRI PT I ON
The UTC UR6516B is a low cost linear regulator providing a
desired output voltage or termination voltage for various applications
by converting voltage supplies ranging from 1V ~ 6.0V. The desired
output voltage could be programmable by two external voltage
divider resistors.
The UTC UR6516B can source or sink up to 2A of current while
regulating an output voltage to within 2% (DDR-I), 3% (DDR-II) or
less.
The UTC UR6516B can be used in applications, such as
PCI/AGP graphics, game/play station, set top box, mother board.
FEAT U RES
* Ideal for DDR-I ,DDR-II
* Output Voltage could Drop Down to 0.6V
* Source and Sink up to 2A, Without an External Heat Sink
* Integrated Power MOSFETs
* Output Voltage Varies though Adjusting External Resistors
* ICCQ is Lower than 500uA at VCCA
* Thermal Shutdown Protection, Current Limit Protection, and Short
Circuit Protection Circuits Included
* Shutdown for Standby or Suspend Mode Operation
* Requiring Minimum External Components
SOP-8
ORDERI N G I N FORM AT I ON
Ordering Number
Package
Packing
Lead Free
Halogen Free
UR6516BL-S08-T
UR6516BG-S08-T
SOP-8
Tube
UR6516BL-S08-R
UR6516BG-S08-R
SOP-8
Tape Reel
UR6516BL-S08-T
(1)Packing Type
(2)Package Type
(3)Halogen Free
(1) T: Tube, R: Tape Reel
(2) S08: SOP-8
(3) L: Lead Free, G: Halogen Free


Similar Part No. - UR6516BG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR6516BG-SH2-R UTC-UR6516BG-SH2-R Datasheet
159Kb / 6P
2A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
More results

Similar Description - UR6516BG-S08-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM8562 ETC-CM8562 Datasheet
142Kb / 7P
2A SINK SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8561 ETC-CM8561 Datasheet
119Kb / 5P
1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8560 ETC1-CM8560 Datasheet
193Kb / 5P
3A SINK AND SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8562P ETC1-CM8562P Datasheet
168Kb / 5P
2A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
Champion Microelectroni...
CM8561 CHAMP-CM8561 Datasheet
144Kb / 5P
1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
2A Sink/Source Bus Termination Regulator
logo
Champion Microelectroni...
CM8562 CHAMP-CM8562 Datasheet
277Kb / 8P
2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8562A CHAMP-CM8562A Datasheet
225Kb / 7P
2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8562P CHAMP-CM8562P Datasheet
225Kb / 7P
2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
logo
Unisonic Technologies
UR6516B UTC-UR6516B Datasheet
159Kb / 6P
2A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com