Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7B33 Datasheet(PDF) 1 Page - Analog Devices

Part # 7B33
Description  ISOLATED, VOLTAGE OR CURRENT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B33 Datasheet(HTML) 1 Page - Analog Devices

  7B33 Datasheet HTML 1Page - Analog Devices 7B33 Datasheet HTML 2Page - Analog Devices 7B33 Datasheet HTML 3Page - Analog Devices 7B33 Datasheet HTML 4Page - Analog Devices 7B33 Datasheet HTML 5Page - Analog Devices 7B33 Datasheet HTML 6Page - Analog Devices 7B33 Datasheet HTML 7Page - Analog Devices 7B33 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Isolated, Voltage or Current Input
7B33
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Interfaces, amplifies, and filters unipolar voltage inputs.
Module provides a precision output of either +1 V to +5 V or
0 V to +10 V, linear with temperature.
Module features a nonlinearity of +0.02% maximum and an
accuracy of +0.1% maximum (+0.01% typical).
All 7B33 series modules are mix-and-match and Hot
Swappable.
APPLICATIONS
Industrial signal conditioning
Industrial signal isolation
Industrial signal filtering
PRODUCT OVERVIEW
The 7B Series of signal conditioners feature small size, low cost
and a wide output voltage range for a variety of applications
including process control and factory-floor environments. The
single-channel 7B modules accept inputs from a range of
transducers and are fully rated over the extended -40oC to
+85oC industrial temperature range. All 7B Series modules are
rated for a nominal power supply input of +24 VDC; and, for
maximum flexibility, they will accept supply voltages in the +14
VDC to +35 VDC range. The input modules, with the exception
of the 7B21, provide a high-level output voltage that is factory
configured for either the +1 V to +5 V or 0 V to +10 V range.
The 7B21 is a unity gain, isolated input module with an
input/output range of +10V. Output modules are available that
provide either isolated process current or isolated bipolar
voltage output. Model 7B39 converts either a +1 V to +5 V input
to a 4 to 20 mA output or a 0 V to +10 V input to a 0-20 mA
output. The input/output ranges of the 7B39 are factory
configured. The 7B22 is a unity gain module that provides an
isolated +10V output signal. All modules have a universal pin-
out and may be readily hot-swapped under full power without
disrupting field wiring. Each module accepts analog transducer
signals and transfers them to a process control or factory data
collection system without the inherent noise, non-linearity, drift
and extraneous voltages which frequently accompany the
signals.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. 7B33 Functional Block Diagram
The modules feature a maximum nonlinearity of +0.02% and
are factory calibrated to guarantee a maximum accuracy
specification of +0.1%.
The 7B Series offers up to 1500 V rms continuous common
mode voltage isolation and 120 V rms of field wiring input
protection. The power supplies necessary to drive each of the
individual module’s input circuitry are internally isolated,
enabling the 7B Series modules to offer true channel-to-channel
isolation of the input signals.
The modules directly accept analog signals from
thermocouples, RTDs, current loop powered transmitters, and
other process control signals. The 7B Series modules amplify,
linearize, isolate, protect and convert the transducer output
signals to standardized analog inputs for high-level analog I/O
subsystems. The 7B Series Subsystem consists of 19-inch rack-
compatible hardware (model AC 1363), with universal
mounting backplane and a family of plug-in (up to 16 per
backplane) input and output signal conditioning modules. Four-
, eight-, and sixteen-channel backplanes are available. Each
backplane incorporates screw terminals for easy power
connections and field wiring, and includes a 25-pin D-type
connector for interfacing the high-level single-ended voltage
outputs to the user’s equipment. Gold-plated sockets are
provided on each channel of the backplane to ensure the
reliability of each module’s electrical connection.


Similar Part No. - 7B33

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B33 AD-7B33_15 Datasheet
535Kb / 8P
Isolated, Voltage or Current Input
REV. 0
More results

Similar Description - 7B33

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B32 AD-3B32 Datasheet
352Kb / 8P
Isolated, Process Current Input
5B42 AD-5B42 Datasheet
693Kb / 8P
ISOLATED, PROCESS CURRENT INPUT
7B40 AD-7B40 Datasheet
556Kb / 8P
Isolated Voltage or Current Input
7B30 AD-7B30 Datasheet
533Kb / 8P
Isolated, Voltage or Current Input
REV. 0
7B41 AD-7B41 Datasheet
554Kb / 8P
Isolated, Voltage or Current Input
5B42 AD-5B42_15 Datasheet
693Kb / 8P
Isolated, Process Current Input
REV. 0
7B30 AD-7B30_15 Datasheet
534Kb / 8P
Isolated, Voltage or Current Input
REV. 0
7B33 AD-7B33_15 Datasheet
535Kb / 8P
Isolated, Voltage or Current Input
REV. 0
7B40 AD-7B40_15 Datasheet
556Kb / 8P
Isolated Voltage or Current Input
REV. 0
7B41 AD-7B41_15 Datasheet
555Kb / 8P
Isolated, Voltage or Current Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com