Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # DS2
Description  Rectifi er Diode Avalanche Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DS2 Datasheet(HTML) 1 Page - IXYS Corporation

  DS2 Datasheet HTML 1Page - IXYS Corporation DS2 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2017 IXYS All rights reserved
1 - 2
DS
2
DSA 2
IXYS reserves the right to change limits, test conditions and dimensions
20170323a
V
RSM
V
(BR)min
①
V
RRM
Standard
Avalanche
V
V
V
Types
Types
1300
1300
1200
DS 2-12A
DSA 2-12A
1700
1750
1600
DSA 2-16A
1900
1950
1800
DSA 2-18A
①
Only for Avalanche Diodes
Symbol
Test Conditions
Maximum Ratings
I
F(RMS)
T
VJ
= T
VJM
7
A
I
F(AV)M
T
amb
= 45°C; R
thJA =
30 K/W; 180° sine
3.6
A
T
amb
= 45°C; R
thJA = 115 K/W; 180° sine
1.2
A
P
RSM
DSA types, T
VJ = 25°C, tp = 10 µs
2.5
kW
I
FSM
T
VJ
= 45°C;
t = 10 ms (50 Hz), sine
120
A
V
R
= 0
t = 8.3 ms (60 Hz), sine
127
A
T
VJ
= T
VJM
t = 10 ms (50 Hz), sine
100
A
V
R
= 0
t = 8.3 ms (60 Hz), sine
106
A
I2t
T
VJ
= 45°C
t = 10 ms (50 Hz), sine
72
A2s
V
R
= 0
t = 8.3 ms (60 Hz), sine
68
A2s
T
VJ
= T
VJM
t = 10 ms (50 Hz), sine
50
A2s
V
R
= 0
t = 8.3 ms (60 Hz), sine
47
A2s
T
VJM
180
°
C
T
VJ
-40...+180
°
C
T
stg
-40...+180
°
C
Weight
2.4
g
V
RRM
= 1200-1800 V
I
F(RMS) = 7 A
I
F(AV)M = 3.6 A
A = Anode
C = Cathode
Features
●
International standard package
●
Axial wire connexions
●
Planar glassivated chips
Applications
●
Low power rectifiers
●
Field supply for DC motors
●
Power supplies
●
High voltage rectifiers
Advantages
●
Space and weight savings
●
Simple PCB mounting
●
Improved temperature and power
cycling
●
Reduced protection circuits
Dimensions in mm (1 mm = 0.0394")
Symbol
Test Conditions
Characteristic Values
I
R
T
VJ
= 180°C; V
R = VRRM
≤
2
mA
V
F
I
F
= 7 A; T
VJ = 25°C
≤
1.25
V
V
T0
For power-loss calculations only
0.85
V
r
T
T
VJ
= T
VJM
43
mΩ
R
thJA
Forced air cooling with 1.5 m/s, T
amb = 45°C
30
K/W
Soldered between 2 cooling fins, T
amb = 45°C
37
K/W
Soldered onto PC board (25 mm), T
amb = 45°C
75
K/W
Free air cooling, T
amb = 45°C
115
K/W
d
S
Creepage distance on surface
2.25
mm
d
A
Strike distance through air
2.25
mm
a
Max. allowable acceleration
100
m/s2
Data according to IEC 60747
Rectifier Diode
Avalanche Diode
A
C
C
A
A
C


Similar Part No. - DS2

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
DS2 APEX-ELECTRONICS-DS2 Datasheet
256Kb / 2P
5.7*5.0mm detector switch, SMD, normal open
logo
Multicomp Pro
DS2 MULTICOMP-DS2 Datasheet
261Kb / 2P
Tap Splices
18/11/20 V1.0
logo
IXYS Corporation
DS2-08A IXYS-DS2-08A Datasheet
35Kb / 2P
Rectifier Diode Avalanche Diode
DS2-12A IXYS-DS2-12A Datasheet
35Kb / 2P
Rectifier Diode Avalanche Diode
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
Active power factor correction
More results

Similar Description - DS2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT30DL60B MICROSEMI-APT30DL60B Datasheet
135Kb / 4P
Ultrasoft Recovery Rectifi er Diode
APT30DL60BCT MICROSEMI-APT30DL60BCT Datasheet
137Kb / 4P
Ultrasoft Recovery Rectifi er Diode
APT50DL60B MICROSEMI-APT50DL60B Datasheet
140Kb / 4P
Ultrasoft Recovery Rectifi er Diode
APT50DL60BCT MICROSEMI-APT50DL60BCT Datasheet
136Kb / 4P
Ultrasoft Recovery Rectifi er Diode
APT75DL60B MICROSEMI-APT75DL60B Datasheet
137Kb / 4P
Ultrasoft Recovery Rectifi er Diode
APT100DL60B MICROSEMI-APT100DL60B Datasheet
136Kb / 4P
Ultrasoft Recovery Rectifi er Diode
APT150DL60B2 MICROSEMI-APT150DL60B2 Datasheet
134Kb / 4P
Ultrasoft Recovery Rectifi er Diode
logo
NIC-Components Corp.
NRD4004TR-5KF NIC-NRD4004TR-5KF Datasheet
248Kb / 2P
Surface Mount Silicon Rectifi er Diode
logo
Bourns Electronic Solut...
CD214A-B230LLF BOURNS-CD214A-B230LLF Datasheet
248Kb / 5P
Schottky Barrier Rectifi er Chip Diode
logo
IXYS Corporation
DS75 IXYS-DS75 Datasheet
75Kb / 2P
Rectifi er Diode Avalanche Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com