Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP8 Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSP8
Description  Phase-leg Rectifier Diode ISOPLUS220
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSP8 Datasheet(HTML) 1 Page - IXYS Corporation

  DSP8 Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Symbol
Test Conditions
Maximum Ratings
I
FRMS
T
VJ = TVJM
30
A
I
F(AV)M
T
case = 100°C; 180° sine
2 x 11
A
I
FSM
T
VJ = 45°C;
t = 10 ms
(50 Hz), sine
100
A
t = 8.3 ms
(60 Hz), sine
105
A
T
VJ = 150°C;
t = 10 ms
(50 Hz), sine
85
A
t = 8.3 ms
(60 Hz), sine
90
A
I2t
T
VJ = 45°C
t = 10 ms
(50 Hz), sine
50
A2s
t = 8.3 ms
(60 Hz), sine
45
A2s
T
VJ = 150°C;
t = 10 ms
(50 Hz), sine
35
A2s
t = 8.3 ms
(60 Hz), sine
30
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-55...+150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
260
°C
V
ISOL
50/60 Hz RMS; I
ISOL ≤ 1 mA
2500
V~
F
C
Mounting Force
11...65 / 2.5..15
N/lb
Weight
2g
Symbol
Test Conditions
Characteristic Values
I
R
V
R
= V
RRM; TVJ = 25°C
≤
10
µA
T
VJ = 150°C
≤
0.7
mA
V
F
I
F = 10 A; TVJ = 25°C
≤
1.22
V
T
VJ = 125°C
≤
1.26
V
V
T0
For power-loss calculations only
0.8
V
r
T
T
VJ = TVJM
41
m
Ω
R
thJC
DC current
1.8
K/W
R
thCK
DC current (with heatsink compound)
typ.
0.6
K/W
a
Maximum allowable acceleration
100
m/s2
DS98820(07/03)
© 2003 IXYS All rights reserved
DSP 8
V
RRM = 800/1200 V
I
F(AV)M = 2 x 11 A
Phase-leg Rectifier Diode
ISOPLUS220TM
Electrically Isolated Back Surface
1
2
3
Features
Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
For single and three phase bridge
configuration
Low cathode to tab capacitance (<15pF)
Planar passivated chips
Epoxy meets UL 94V-0
Notes: Data given for T
VJ = 25
O
C and per diode unless otherwise specified
Pulse test: pulse Width = 5 ms, Duty Cycle < 2.0 %
Pulse test: pulse Width = 300
µs, Duty Cycle < 2.0 %
IXYS reserves the right to change limits, test conditions and dimensions.
V
RSM
V
RRM
Type
V
V
900
800
DSP 8-08AC
1300
1200
DSP 8-12AC
Preliminary Data Sheet
ISOPLUS 220TM
Isolated back surface*
ISOPLUS220 Outline
E153432


Similar Part No. - DSP8

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSP8 IXYS-DSP8 Datasheet
46Kb / 1P
Phase-leg Rectifier Diode
DSP8-08 IXYS-DSP8-08 Datasheet
46Kb / 1P
Phase-leg Rectifier Diode
DSP8-08A IXYS-DSP8-08A Datasheet
46Kb / 1P
Phase-leg Rectifier Diode
DSP8-08A IXYS-DSP8-08A Datasheet
77Kb / 3P
Phase-leg Rectifier Diode
DSP8-08A IXYS-DSP8-08A Datasheet
146Kb / 5P
Standard Rectifier
More results

Similar Description - DSP8

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSP25 IXYS-DSP25 Datasheet
36Kb / 2P
Phase-leg Rectifier Diode
L015 IXYS-L015 Datasheet
36Kb / 2P
Phase-leg Rectifier Diode
DSP8-08 IXYS-DSP8-08 Datasheet
46Kb / 1P
Phase-leg Rectifier Diode
DSP8-08AC IXYS-DSP8-08AC Datasheet
393Kb / 1P
Phase-leg Rectifier Diode ISOPLUS220
DSP8-08S IXYS-DSP8-08S Datasheet
77Kb / 3P
Phase-leg Rectifier Diode
DSP45 IXYS-DSP45 Datasheet
122Kb / 2P
Phase-leg Rectifier Diode
logo
Microsemi Corporation
APTDF400AK60G MICROSEMI-APTDF400AK60G Datasheet
216Kb / 4P
Diode Phase leg Power Module
APTDF400AK120G MICROSEMI-APTDF400AK120G Datasheet
220Kb / 4P
Diode Phase leg Power Module
logo
IXYS Corporation
MDMA25P1200TG IXYS-MDMA25P1200TG Datasheet
270Kb / 5P
Standard Rectifier Module Phase leg
DSI30 IXYS-DSI30 Datasheet
89Kb / 1P
Rectifier Diode ISOPLUS220
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com