Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGS3-01AS Datasheet(PDF) 2 Page - IXYS Corporation

Part # DGS3-01AS
Description  Gallium Arsenide Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DGS3-01AS Datasheet(HTML) 2 Page - IXYS Corporation

  DGS3-01AS Datasheet HTML 1Page - IXYS Corporation DGS3-01AS Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2002 IXYS All rights reserved
2 - 2
Advanced Technical Information
DGS 3-01AS
IXYS reserve the right to change limits, conditions and dimensions.
TO-252 AA
Dim.
Millimeter
Inches
Min. Max.
Min.
Max.
A
2.19 2.38
0.086
0.094
A1
0.89 1.14
0.035
0.045
A2
0 0.13
0
0.005
b
0.64 0.89
0.025
0.035
b1
0.76 1.14
0.030
0.045
b2
5.21 5.46
0.205
0.215
c
0.46 0.58
0.018
0.023
c1
0.46 0.58
0.018
0.023
D
5.97 6.22
0.235
0.245
D1
4.32 5.21
0.170
0.205
E
6.35 6.73
0.250
0.265
E1
4.32 5.21
0.170
0.205
e
2.28 BSC
0.090 BSC
e1
4.57 BSC
0.180 BSC
H
9.40 10.42
0.370
0.410
L
0.51 1.02
0.020
0.040
L1
0.64 1.02
0.025
0.040
L2
0.89 1.27
0.035
0.050
L3
2.54 2.92
0.100
0.115
1 Anode
2 NC
3 Anode
4 Cathode
0,0
0,5
1,0
1,5
2,0
2,5
3,0
0,01
0,1
1
10
0,00001
0,0001
0,001
0,01
0,1
1
10
0,01
0,1
1
10
t
s
K/W
0,1
1
10
100
1000
10
100
C
J
I
F
A
V
F
V
R
V
pF
V
Z
thJC
T
VJ = 125°C
200
30
Single Pulse
T
VJ =
125°C
25°C
DGS 3-01AS
Fig. 1typ. forward characteristics
Fig. 2 typ. junction capacity
versus blocking voltage
Fig. 3 typ. thermal impedance junction to case
tbd
Note:
explanatory comparison of the basic operational behaviour of rectifier diodes and Gallium Arsenide
Schottky diodes:
conduction
forward characteristics
turn off characteristics
turn on characteristics
by majority + minority carriers
V
F (IF)
extraction of excess carriers
causes temperature dependant
reverse recovery (t
rr, IRM, Qrr)
delayed saturation leads to V
FR
Rectifier Diode
by majority carriers only
V
F (IF), see Fig. 1
reverse current charges
junction capacity C
J, see Fig. 2;
not temperature dependant
no turn on overvoltage peak
GaAs Schottky Diode



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com