Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGS3-01AS Datasheet(PDF) 1 Page - IXYS Corporation

Part # DGS3-01AS
Description  Gallium Arsenide Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DGS3-01AS Datasheet(HTML) 1 Page - IXYS Corporation

  DGS3-01AS Datasheet HTML 1Page - IXYS Corporation DGS3-01AS Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
1 - 2
Advanced Technical Information
DGS 3-01AS
IXYS reserve the right to change limits, conditions and dimensions.
Gallium Arsenide Schottky Rectifier
V
RSM
V
RRM
Type
Marking
V
V
on product
100
100
DGS 3-01AS
3A010AS
Features
●
Low forward voltage
●
Very high switching speed
●
Low junction capacity of GaAs
- low reverse current peak at turn off
●
Soft turn off
●
Temperature independent switching
behaviour
●
High temperature operation capability
●
Epoxy meets UL 94V-0
Applications
●
MHz switched mode power supplies
(SMPS)
●
Small size SMPs
●
High frequency converters
●
Resonant converters
Symbol
Conditions
Maximum Ratings
I
FAV
T
C = 25°C; DC
12
A
I
FAV
T
C = 90°C; DC
8.5
A
I
FSM
T
VJ =
45°C; t
p = 10 ms (50 Hz); sine
10
A
T
VJ
-55...+175
°C
T
stg
-55...+150
°C
P
tot
T
C = 25°C
18
W
I
FAV
= 12 A
V
RRM
= 100 V
C
Junction =
19 pF
Symbol
Conditions
Characteristic Values
typ.
max.
I
R
①
V
R = VRRM;TVJ =
25°C
0.7
mA
V
R = VRRM;TVJ = 125°C
0.7
mA
V
F
I
F = 2 A;
T
VJ = 125°C
0.54
V
I
F = 2 A;
T
VJ =
25°C
0.62
0.8
V
C
J
V
R = 50 V;
T
VJ = 125°C
19
pF
R
thJC
8.5
K/W
Weight
0.3
g
Pulse test: ① Pulse Width = 5 ms, Duty Cycle < 2.0%
Data according to DIN/IEC 747 and per diode unless otherwise specified
A
C
A = Anode, C = Cathode , TAB = Cathode
A
TO-252 AA
A
C (TAB)


Similar Part No. - DGS3-01AS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DGS3-025AS IXYS-DGS3-025AS Datasheet
60Kb / 2P
Gallium Arsenide Schottky Rectifier
More results

Similar Description - DGS3-01AS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DGS17-03CS IXYS-DGS17-03CS Datasheet
55Kb / 2P
Gallium Arsenide Schottky Rectifier
L680 IXYS-L680 Datasheet
60Kb / 2P
Gallium Arsenide Schottky Rectifier
DGS9-03AS IXYS-DGS9-03AS Datasheet
56Kb / 2P
Gallium Arsenide Schottky Rectifier
DGSS10-06CC IXYS-DGSS10-06CC Datasheet
60Kb / 3P
Gallium Arsenide Schottky Rectifier
DGS19-025AS IXYS-DGS19-025AS Datasheet
165Kb / 3P
Gallium Arsenide Schottky Rectifier
DGS20-022A IXYS-DGS20-022A Datasheet
71Kb / 2P
Gallium Arsenide Schottky Rectifier
GS8DI25104 IXYS-GS8DI25104 Datasheet
52Kb / 2P
Gallium Arsenide Schottky Rectifier
GS150TA25104 IXYS-GS150TA25104 Datasheet
115Kb / 2P
Gallium Arsenide Schottky Rectifier
GS150TA25110 IXYS-GS150TA25110 Datasheet
115Kb / 2P
Gallium Arsenide Schottky Rectifier
GS150TA25120 IXYS-GS150TA25120 Datasheet
159Kb / 2P
Gallium Arsenide Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com