Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8304AMLF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 8304AMLF
Description  Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8304AMLF Datasheet(HTML) 1 Page - Integrated Device Technology

  8304AMLF Datasheet HTML 1Page - Integrated Device Technology 8304AMLF Datasheet HTML 2Page - Integrated Device Technology 8304AMLF Datasheet HTML 3Page - Integrated Device Technology 8304AMLF Datasheet HTML 4Page - Integrated Device Technology 8304AMLF Datasheet HTML 5Page - Integrated Device Technology 8304AMLF Datasheet HTML 6Page - Integrated Device Technology 8304AMLF Datasheet HTML 7Page - Integrated Device Technology 8304AMLF Datasheet HTML 8Page - Integrated Device Technology 8304AMLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Low Skew, 1-to-4 LVCMOS/LVTTL
Fanout Buffer
8304
DATA SHEET
8304AMLN - PDN CQ-16-01 - LAST TIME BUY EXPIRES MAY 6, 2017
8304 REVISION H 11/19/15
1
©2015 Integrated Device Technology, Inc.
GENERAL DESCRIPTION
The 8304 is a low skew, 1-to-4 Fanout Buffer. The 8304 is
characterized at full 3.3V for input (V
DD
), and mixed 3.3V and 2.5V
for output operating supply modes (V
DDO
). Guaranteed output and
part-to-part skew characteristics make the 8304 ideal for those
clock distribution applications demanding well defined performance
and repeatability.
FEATURES
• Four LVCMOS / LVTTL outputs
• LVCMOS / LVTTL clock input
• CLK can accept the following input levels: LVCMOS, LVTTL
• Maximum output frequency: 200MHz
• Additive phase jitter, RMS: 0.173ps (typical) @ 3.3V
• Output skew: 45ps (maximum) @ 3.3V
• Part-to-part skew: 500ps (maximum)
• Small 8 lead SOIC package saves board space
• 3.3V input, outputs may be either 3.3V or 2.5V supply modes
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) compliant package
BLOCK DIAGRAM
PIN ASSIGNMENT
8304
8-Lead SOIC
3.9mm x 4.9mm, x 1.375mm package body
M Package
Top View
VDDO
VDD
CLK
GND
1
2
3
4
Q3
Q2
Q1
Q0
8
7
6
5
Q0
Q1
Q2
Q3
CLK Pulldown


Similar Part No. - 8304AMLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8304AM-01LF RENESAS-8304AM-01LF Datasheet
319Kb / 11P
Low Skew, 1-TO-4 LVCMOS / LVTTL Inverting Fanout Buffer
REVISION D 5/9/16
8304AM-01LFT RENESAS-8304AM-01LFT Datasheet
319Kb / 11P
Low Skew, 1-TO-4 LVCMOS / LVTTL Inverting Fanout Buffer
REVISION D 5/9/16
logo
Integrated Circuit Syst...
8304AM01 ICST-8304AM01 Datasheet
136Kb / 9P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL INVERTING FANOUT BUFFER
REV. D MAY 23, 2005
8304AMI ICST-8304AMI Datasheet
80Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
REV. B APRIL 4, 2002
logo
Integrated Device Techn...
8304AMILF IDT-8304AMILF Datasheet
195Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL
More results

Similar Description - 8304AMLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8304 ICST-ICS8304 Datasheet
151Kb / 9P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
REV. F SEPTEMBER 13, 2004
ICS8304-01 ICST-ICS8304-01 Datasheet
136Kb / 9P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL INVERTING FANOUT BUFFER
REV. D MAY 23, 2005
ICS8304I ICST-ICS8304I Datasheet
80Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
REV. B APRIL 4, 2002
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C49X0204B PERICOM-PI6C49X0204B Datasheet
1Mb / 9P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8304-01 RENESAS-8304-01 Datasheet
319Kb / 11P
Low Skew, 1-TO-4 LVCMOS / LVTTL Inverting Fanout Buffer
REVISION D 5/9/16
8304I RENESAS-8304I Datasheet
388Kb / 12P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
December 10, 2015
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
IDT6T30028 RENESAS-IDT6T30028 Datasheet
531Kb / 13P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL FANOUT BUFFER
041813
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com