Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8305 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS8305
Description  Low Skew, 1-to-4 Multiplexed Differential/LVCMOS-to-LVCMOS/LVTTL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8305 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS8305 Datasheet HTML 1Page - Integrated Device Technology ICS8305 Datasheet HTML 2Page - Integrated Device Technology ICS8305 Datasheet HTML 3Page - Integrated Device Technology ICS8305 Datasheet HTML 4Page - Integrated Device Technology ICS8305 Datasheet HTML 5Page - Integrated Device Technology ICS8305 Datasheet HTML 6Page - Integrated Device Technology ICS8305 Datasheet HTML 7Page - Integrated Device Technology ICS8305 Datasheet HTML 8Page - Integrated Device Technology ICS8305 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ICS8305 Data Sheet
LOW SKEW, 1-TO-4 MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS8305AG REVISION C MAY 30, 2014
2
©2014 Integrated Device Technology, Inc.
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 9, 13
GND
Power
Power supply ground
2
OE
Input
Pullup
Output enable. When LOW, outputs are in HIGH impedance state.
When HIGH, outputs are active. LVCMOS/LVTTL interface levels.
3VDD
Power
Power supply pin.
4
CLK_EN
Input
Pullup
Synchronizing clock enable. When LOW, the output clocks are disabled.
When HIGH, output clocks are enabled. LVCMOS/LVTTL interface levels.
5
CLK
Input
Pulldown
Non-inverting differential clock input.
6
nCLK
Input
Pullup/
Pulldown
Inverting differential clock input. VDD/2 default when left floating.
7
CLK_SEL
Input
Pullup
Clock select input. When HIGH, selects CLK, nCLK inputs. When LOW,
selects LVCMOS_CLK input. LVCMOS/LVTTL interface levels.
8
LVCMOS_CLK
Input
Pulldown
Single-ended clock input. LVCMOS/LVTTL interface levels.
10, 12, 14, 16
Q3, Q2, Q1, Q0
Output
Single-ended clock outputs. 7
output impedance.
LVCMOS/LVTTL interface levels.
11, 15
VDDO
Power
Output supply pins.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k
CPD
Power Dissipation Capacitance
(per output)
11
pF
ROUT
Output Impedance
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com