Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8305 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS8305
Description  Low Skew, 1-to-4 Multiplexed Differential/LVCMOS-to-LVCMOS/LVTTL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8305 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS8305 Datasheet HTML 9Page - Integrated Device Technology ICS8305 Datasheet HTML 10Page - Integrated Device Technology ICS8305 Datasheet HTML 11Page - Integrated Device Technology ICS8305 Datasheet HTML 12Page - Integrated Device Technology ICS8305 Datasheet HTML 13Page - Integrated Device Technology ICS8305 Datasheet HTML 14Page - Integrated Device Technology ICS8305 Datasheet HTML 15Page - Integrated Device Technology ICS8305 Datasheet HTML 16Page - Integrated Device Technology ICS8305 Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ICS8305 Data Sheet
LOW SKEW, 1-TO-4 MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS8305AG REVISION C MAY 30, 2014
13
©2014 Integrated Device Technology, Inc.
Schematic Example
This application note provides general design guide using ICS8305
LVCMOS buffer. Figure 4 shows a schematic example of the
ICS8305 LVCMOS clock buffer. In this example, the input is driven by
an LVCMOS driver. CLK_EN is set at logic low to select
LVCMOS_CLK input.
Figure 4. ICS8305 LVCMOS Clock Output Buffer Schematic Example
LVCMOS Receiv er
R1
43
VDD
R5
1K
LVCMOS Receiv er
VDD=3.3V
VDD
R4
1K
Zo = 50
(U1,11)
Ro ~ 7 Ohm
3,.3V LVCMOS
(U1,15)
(U1,3)
VDD
R3
43
R2
43
C2
0.1u
U1
ICS8305
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
GND
OE
VDD
CLK_EN
CLK
nCLK
CLK_SEL
LVCMOS_CLK
GND
Q3
VDDO
Q2
GND
Q1
VDDO
Q0
Zo = 50
VDD
Zo = 50
C1
0.1u
R6
1K
C3
0.1u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com