Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2114SS Datasheet(PDF) 2 Page - International Rectifier

Part # IR2114SS
Description  HALF-BRIDGE GATE DRIVER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2114SS Datasheet(HTML) 2 Page - International Rectifier

  IR2114SS Datasheet HTML 1Page - International Rectifier IR2114SS Datasheet HTML 2Page - International Rectifier IR2114SS Datasheet HTML 3Page - International Rectifier IR2114SS Datasheet HTML 4Page - International Rectifier IR2114SS Datasheet HTML 5Page - International Rectifier IR2114SS Datasheet HTML 6Page - International Rectifier IR2114SS Datasheet HTML 7Page - International Rectifier IR2114SS Datasheet HTML 8Page - International Rectifier IR2114SS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IR2114/IR21141/IR2214/IR22141
2
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All
voltage parameters are absolute voltages referenced to VSS, all currents are defined positive into any lead
The thermal resistance and power dissipation ratings are measured under board mounted and still air
conditions.
Symbol
Definition
Min.
Max.
Units
VS
High side offset voltage
VB - 25
VB + 0.3
VB
High side floating supply voltage
(IR2114 or IR21141)
-0.3
625
(IR2214 or IR22141)
-0.3
1225
VHO
High side floating output voltage (HOP, HON and SSDH)
VS - 0.3
VB + 0.3
VCC
Low side and logic fixed supply voltage
-0.3
25
COM
Power ground
VCC - 25
VCC + 0.3
VLO
Low side output voltage (LOP, LON and SSDL)
VCOM -0.3
VCC + 0.3
VIN
Logic input voltage (HIN, LIN and FLT_CLR)
VSS -0.3
VCC + 0.3
VFLT
FAULT input/output voltage (FAULT/SD and SY_FLT)
VSS -0.3
VCC + 0.3
VDSH
High side DS input voltage
VS -3
VB + 0.3
VDSL
Low side DS input voltage
VCOM -3
VCC + 0.3
V
dVs/dt
Allowable offset voltage slew rate
—
50
V/ns
PD
Package power dissipation @ TA ≤ +25°C
—
1.5
W
RthJA
Thermal resistance, junction to ambient
—
65
°C/W
TJ
Junction temperature
—
125
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
°C
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions. All voltage parameters
are absolute voltages referenced to VSS. The VS offset rating is tested with all supplies biased at 15V
differential.
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply voltage (Note 1)
VS + 11.5
VS + 20
(IR2114 or IR21141)
Note 2
600
VS
High side floating supply offset
voltage
(IR2214 or IR22141)
Note 2
1200
VHO
High side output voltage (HOP, HON and SSDH)
VS
VS + 20
VLO
Low side output voltage (LOP, LON and SSDL)
VCOM
VCC
VCC
Low side and logic fixed supply voltage (Note 1)
11.5
20
COM
Power ground
-5
5
VIN
Logic input voltage (HIN, LIN and FLT_CLR)
VSS
VCC
VFLT
Fault input/output voltage (FAULT/SD and SY_FLT)
VSS
VCC
VDSH
High side DS pin input voltage
VS - 2.0
VB
VDSL
Low side DS pin input voltage
VCOM - 2.0
VCC
V
TA
Ambient temperature
-40
125
°C
Note 1: While internal circuitry is operational below the indicated supply voltages, the UV lockout disables
the output drivers if the UV thresholds are not reached.
Note 2: Logic operational for VS from VSS-5V to VSS+600V or 1200V. Logic state held for VS from VSS-5V to
VSS-VBS. (Please refer to the Design Tip DT97-3 for more details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com