Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2114SS Datasheet(PDF) 13 Page - International Rectifier

Part # IR2114SS
Description  HALF-BRIDGE GATE DRIVER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2114SS Datasheet(HTML) 13 Page - International Rectifier

Back Button IR2114SS Datasheet HTML 9Page - International Rectifier IR2114SS Datasheet HTML 10Page - International Rectifier IR2114SS Datasheet HTML 11Page - International Rectifier IR2114SS Datasheet HTML 12Page - International Rectifier IR2114SS Datasheet HTML 13Page - International Rectifier IR2114SS Datasheet HTML 14Page - International Rectifier IR2114SS Datasheet HTML 15Page - International Rectifier IR2114SS Datasheet HTML 16Page - International Rectifier IR2114SS Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
IR2114/IR21141/IR2214/IR22141
13
tBL
Blanking
VB/Vcc
HONH/L
DSH/L
VS/COM
HOPH/L
tss
One Shot
VDESAT
(ton1)
ONE
SHOT
tDS
filter
SSDH/L
P
Prre
eD
Drriivve
err
sensing
diode
on/off
DesatHS/LS
desat
comparator
Figure 13: high and low side output stage
FLTCLR
Q
Q
SET
CLR
S
R
FAULT/SD
SY_FLT
internal
HOLD
(external
hold)
(external hard
shutdown)
internal FAULT
(hard shutdown)
UVCC
DesatHS
DesatLS
Figure 14: fault management diagram
The external sensing diode should have BV>600V
or 1200V and low stray capacitance (in order to
minimize noise coupling and switching delays).
The diode is biased by an internal pull-up resistor
RDSH/L (equal to VCC/IDS- or VBS/IDS- for IR2114 or
IR2214) or by a dedicated circuit (see the active-
bias section for IR21141 and IR22141). When VCE
increases, the voltage at DSH/L pin increases too.
Being internally biased to the local supply, DSH/L
voltage is automatically clamped. When DSH/L
exceeds the VDESAT+ threshold the comparator
triggers (see figure 13). Comparator output is
filtered in order to avoid false desaturation
detection by externally induced noise; pulses
shorter than tDS are filtered out. To avoid detecting
a false desaturation during IGBT turn on, the
desaturation circuit is disabled by a Blanking signal
(TBL, see Blanking block in figure 13). This time is
the estimated maximum IGBT turn on time and
must be not exceeded by proper gate resistance
sizing. When the IGBT is not completely saturated
after TBL, desaturation is detected and the driver
will turn off.
Eligible desaturation signals initiate the Soft
Shutdown sequence (SSD). While in SSD, the
output driver goes in high impedance and the SSD
pull-down is activated to turn off the IGBT through
SSDH/L pin. The SY_FLT output pin (active low,
see figure 14) reports the gate driver status all the
way long SSD sequence lasts (tSS). Once finished
SSD, SYS_FLT releases, and the gate driver
generates a FAULT signal (see the FAULT/SD
section) by
activating FAULT/SD pin.
This
generates a hard shut down for both high and low
output stages (HO=LO=low). Each driver is latched
low until the fault is cleared (see FLT_CLR).
Figure 14 shows the fault management circuit. In
this diagram DesatHS and DesatLS are two
internal signals that come from the output stages
(see figure 13).
It must be noted that while in Soft Shut Down, both
Under Voltage fault and external Shut Down (SD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com