Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RW1C026ZP Datasheet(PDF) 5 Page - Rohm

Part # RW1C026ZP
Description  Pch -20V -2.5A Middle Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RW1C026ZP Datasheet(HTML) 5 Page - Rohm

  RW1C026ZP Datasheet HTML 1Page - Rohm RW1C026ZP Datasheet HTML 2Page - Rohm RW1C026ZP Datasheet HTML 3Page - Rohm RW1C026ZP Datasheet HTML 4Page - Rohm RW1C026ZP Datasheet HTML 5Page - Rohm RW1C026ZP Datasheet HTML 6Page - Rohm RW1C026ZP Datasheet HTML 7Page - Rohm RW1C026ZP Datasheet HTML 8Page - Rohm RW1C026ZP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RW1C026ZP
           
               
Datasheet
l
lElectrical characteristic curves
Fig.5 Typical Output Characteristics(I)
Fig.6 Typical Output Characteristics(II)
Fig.7 Breakdown Voltage vs. Junction
 Temperature
Fig.8 Typical Transfer Characteristics
                                                                                           
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
5/11
20140707 - Rev.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com