Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RW1C026ZP Datasheet(PDF) 1 Page - Rohm

Part # RW1C026ZP
Description  Pch -20V -2.5A Middle Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RW1C026ZP Datasheet(HTML) 1 Page - Rohm

  RW1C026ZP Datasheet HTML 1Page - Rohm RW1C026ZP Datasheet HTML 2Page - Rohm RW1C026ZP Datasheet HTML 3Page - Rohm RW1C026ZP Datasheet HTML 4Page - Rohm RW1C026ZP Datasheet HTML 5Page - Rohm RW1C026ZP Datasheet HTML 6Page - Rohm RW1C026ZP Datasheet HTML 7Page - Rohm RW1C026ZP Datasheet HTML 8Page - Rohm RW1C026ZP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RW1C026ZP
  Pch -20V -2.5A Middle Power MOSFET
  
Datasheet
l
lOutline
VDSS
-20V
WEMT6
           
RDS(on)(Max.)
70mΩ
 
ID
±2.5A
 
 
PD
0.7W
 
 
           
           
l
lInner circuit
l
lFeatures
1) Low on - resistance.
2) High Power small mold Package (WEMT6).
3) Pb-free lead plating ; RoHS compliant.
4) Halogen Free.
l
lPackaging specifications
Type
Packing
Embossed
Tape
Reel size (mm)
180
l
lApplication
Tape width (mm)
8
Switching
Basic ordering unit (pcs)
8000
Taping code
T2CR
Marking
ZK
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Value
Unit
Drain - Source voltage
VDSS
-20
V
Continuous drain current
ID
±2.5
A
Pulsed drain current
ID,pulse*1
±10
A
Gate - Source voltage
VGSS
±10
V
Power dissipation
PD*2
0.7
W
Junction temperature
Tj
150
℃
Range of storage temperature
Tstg
-55 to +150
℃
                                                                                         
                                                                                         
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
1/11
20140707 - Rev.001
 
   
 


Similar Part No. - RW1C026ZP

ManufacturerPart #DatasheetDescription
logo
Rohm
RW1C020UN ROHM-RW1C020UN Datasheet
230Kb / 5P
1.5V Drive Nch MOSFET
RW1C025ZP ROHM-RW1C025ZP Datasheet
2Mb / 13P
Pch -20V -2.5A Small Signal MOSFET
logo
VBsemi Electronics Co.,...
RW1C025ZP VBSEMI-RW1C025ZP Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET
More results

Similar Description - RW1C026ZP

ManufacturerPart #DatasheetDescription
logo
Rohm
RF4C050AP ROHM-RF4C050AP Datasheet
1Mb / 12P
Pch -20V -10A Middle Power MOSFET
QH8JA1 ROHM-QH8JA1 Datasheet
2Mb / 14P
-20V Pch Pch Middle Power MOSFET
RQ6C065BC ROHM-RQ6C065BC Datasheet
2Mb / 15P
Pch -20V -6.5A Middle Power MOSFET
RQ6C050BC ROHM-RQ6C050BC Datasheet
2Mb / 14P
Pch -20V -5A Middle Power MOSFET
RQ5E025AT ROHM-RQ5E025AT Datasheet
2Mb / 13P
Pch -30V -2.5A Middle Power MOSFET
RQ5C060BC ROHM-RQ5C060BC Datasheet
2Mb / 14P
Pch -20V -6A Middle Power MOSFET
RQ3C150BC ROHM-RQ3C150BC Datasheet
1Mb / 15P
Pch -20V -30A Middle Power MOSFET
RQ5C035BC ROHM-RQ5C035BC Datasheet
2Mb / 13P
Pch -20V -3.5A Middle Power MOSFET
UT6MA3 ROHM-UT6MA3 Datasheet
4Mb / 23P
20V NchPch Middle Power MOSFET
RF4C100BC ROHM-RF4C100BC Datasheet
1Mb / 12P
Pch -20V -10A Middle Power MOSFET
20150411 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com