Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSAV331 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSAV331
Description  Dual-Channel, 4:1 Video Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSAV331 Datasheet(HTML) 2 Page - ON Semiconductor

  FSAV331 Datasheet HTML 1Page - ON Semiconductor FSAV331 Datasheet HTML 2Page - ON Semiconductor FSAV331 Datasheet HTML 3Page - ON Semiconductor FSAV331 Datasheet HTML 4Page - ON Semiconductor FSAV331 Datasheet HTML 5Page - ON Semiconductor FSAV331 Datasheet HTML 6Page - ON Semiconductor FSAV331 Datasheet HTML 7Page - ON Semiconductor FSAV331 Datasheet HTML 8Page - ON Semiconductor FSAV331 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
October 2010
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAV331 • Rev. 1.0.2
FSAV331 — Dual-Channel, 4:1 Video Switch
Features
Wide Bandwidth: 300MHz
-73dB Non-Adjacent Channel Crosstalk at 10MHz
-56dB Off Isolation at 10MHz
On Resistance: 3
Ω (Typical)
Low Power Consumption: 3µA (Maximum)
Control Inputs Compatible with TTL Level
Applications
Y/C Video or CVBS Video Switch in LCD, Plasma,
and Projector Displays
Description
The Fairchild video switch FSAV331 is a dual 4:1 high
speed video switch which can be configured as either
multiplexer or demultiplexer. Low on-resistance allows
inputs to be connected to outputs without adding
propagation delay or generating additional ground
bounce noise.
When the OE Pin is LOW, S0 and S1 connect the A Port
to the selected B Port output. When the OE Pin is
HIGH, the switch is OPEN and a HIGH-Impedance state
exists between the two ports.
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing
Method
FSAV331MTCX
-40 to +85°C
16-Lead, Thin Shrink Small Outline Package
(TSSOP), JEDEC MO-153, 4.4mm Wide
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com