Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSAV331 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSAV331
Description  Dual-Channel, 4:1 Video Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSAV331 Datasheet(HTML) 3 Page - ON Semiconductor

  FSAV331 Datasheet HTML 1Page - ON Semiconductor FSAV331 Datasheet HTML 2Page - ON Semiconductor FSAV331 Datasheet HTML 3Page - ON Semiconductor FSAV331 Datasheet HTML 4Page - ON Semiconductor FSAV331 Datasheet HTML 5Page - ON Semiconductor FSAV331 Datasheet HTML 6Page - ON Semiconductor FSAV331 Datasheet HTML 7Page - ON Semiconductor FSAV331 Datasheet HTML 8Page - ON Semiconductor FSAV331 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAV331 • Rev. 1.0.2
2
Pin Configurations
Figure 1. Logic Diagram
Figure 2. Pin Assignments
Pin Descriptions
Pin #
Name
Description
1, 15
/OE1, /OE2
Port Enable
2, 14
S1, S0
Select Input
3, 4, 5, 6
1B4, 1B3, 1B2, 1B1
B-Ports (Channel 1)
7, 9
1A, 2A
A-Ports
8
GND
Ground
10, 11, 12, 13
2B1, 2B2, 2B3, 2B4
B-Ports (Channel 2)
16
VCC
Supply Voltage
Truth Table
S1
S0
/OE1
/OE2
Function
Don’t Care
Don’t Care
HIGH
Don’t Care
Disconnect 1A
Don’t Care
Don’t Care
Don’t Care
HIGH
Disconnect 2A
LOW
LOW
LOW
LOW
A=B1
LOW
HIGH
LOW
LOW
A=B2
HIGH
LOW
LOW
LOW
A=B3
HIGH
HIGH
LOW
LOW
A=B4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com