Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST16861 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FST16861
Description  20-Bit Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FST16861 Datasheet(HTML) 2 Page - ON Semiconductor

  FST16861 Datasheet HTML 1Page - ON Semiconductor FST16861 Datasheet HTML 2Page - ON Semiconductor FST16861 Datasheet HTML 3Page - ON Semiconductor FST16861 Datasheet HTML 4Page - ON Semiconductor FST16861 Datasheet HTML 5Page - ON Semiconductor FST16861 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500318
www.fairchildsemi.com
March 2000
Revised June 2005
FST16861
20-Bit Bus Switch
General Description
The Fairchild Switch FST16861 provides 20-bits of high-
speed CMOS TTL-compatible bus switching. The low On
Resistance of the switch allows inputs to be connected to
outputs without adding propagation delay or generating
additional ground bounce noise.
The device is organized as a 10-bit or 20-bit bus switch.
When OE1 is LOW, the switch is ON and Port 1A is con-
nected to Port 1B. When OE2 is LOW, Port 2A is connected
to Port 2B. When OEX is HIGH, a high impedance state
exists between the A and B Ports.
Features
■ 4
: switch connection between two ports
■ Minimal propagation delay through the switch
■ Low lCC
■ Zero bounce in flow-through mode
■ Control inputs compatible with TTL level
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Diagram
Truth Table
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
FST16861MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Inputs
Inputs/Outputs
OE1
OE2
1A, 1B
2A, 2B
LL
1A
1B
2A
2B
LH
1A
1B
Z
HL
Z
2A
2B
HH
Z
Z
Pin Name
Description
OE1, OE2
Bus Switch Enables
1A, 2A
Bus A
1B, 2B
Bus B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com