Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST16861 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FST16861
Description  20-Bit Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FST16861 Datasheet(HTML) 3 Page - ON Semiconductor

  FST16861 Datasheet HTML 1Page - ON Semiconductor FST16861 Datasheet HTML 2Page - ON Semiconductor FST16861 Datasheet HTML 3Page - ON Semiconductor FST16861 Datasheet HTML 4Page - ON Semiconductor FST16861 Datasheet HTML 5Page - ON Semiconductor FST16861 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 4)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: VS is the voltage observed/applied at either the A or B Ports across
the switch.
Note 3: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
Note 4: Unused control inputs must be held HIGH or LOW. They may not
float.
DC Electrical Characteristics
Note 5: Typical values are at VCC 5.0V and TA 25qC
Note 6: Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower of the
voltages on the two (A or B) pins.
Supply Voltage (VCC)0.5V to 7.0V
DC Switch Voltage (VS) (Note 2)
0.5V to 7.0V
DC Input Voltage (VIN) (Note 3)
0.5V to 7.0V
DC Input Diode Current (lIK) VIN  0V
50 mA
DC Output (IOUT) Current
128 mA
DC VCC/GND Current (ICC/IGND)
r100 mA
Storage Temperature Range (TSTG)
65qC to 150 qC
Power Supply Operating (VCC)
4.0V to 5.5V
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)0V to 5.5V
Input Rise and Fall Time (tr, tf)
Switch Control Input
0 ns/V to 5 ns/V
Switch I/O
0 ns/V to DC
Free Air Operating Temperature (TA)-40 qC to 85 qC
Symbol
Parameter
VCC
(V)
TA 40 qC to 85 qC
Units
Conditions
Min
Typ
(Note 5)
Max
VIK
Clamp Diode Voltage
4.5
1.2
V
IIN 18 mA
VIH
HIGH Level Input Voltage
4.0–5.5
2.0
V
VIL
LOW Level Input Voltage
4.0–5.5
0.8
V
II
Input Leakage Current
5.5
r1.0
PA0 d VIN d 5.5V
010
PAVIN 5.5V
IOZ
OFF-STATE Leakage Current
5.5
10
PA0 d A, B d VCC
RON
Switch On Resistance
4.5
4
7
:
VIN 0V, IIN 64 mA
(Note 6)
4.5
4
7
:
VIN 0V, IIN 30 mA
4.5
7
12
:
VIN 2.4V, IIN 15 mA
4.0
11
20
:
VIN 2.4V, IIN 15 mA
ICC
Quiescent Supply Current
5.5
3
PAVIN VCC or GND, IOUT 0
' ICC
Increase in ICC per Input
5.5
2.5
mA
One Input at 3.4V
Other Inputs at VCC or GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com