Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3257QSC Datasheet(PDF) 7 Page - ON Semiconductor

Part # FST3257QSC
Description  Quad 2:1 Multiplexer / Demultiplexer Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FST3257QSC Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FST3257QSC Datasheet HTML 3Page - ON Semiconductor FST3257QSC Datasheet HTML 4Page - ON Semiconductor FST3257QSC Datasheet HTML 5Page - ON Semiconductor FST3257QSC Datasheet HTML 6Page - ON Semiconductor FST3257QSC Datasheet HTML 7Page - ON Semiconductor FST3257QSC Datasheet HTML 8Page - ON Semiconductor FST3257QSC Datasheet HTML 9Page - ON Semiconductor FST3257QSC Datasheet HTML 10Page - ON Semiconductor FST3257QSC Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3257 • Rev. 1.0.3
6
AC Loadings and Waveforms
Notes:
8.
Input driven by 50
Ω source terminated in 50Ω.
9.
CL included load and stray capacitance.
10. Input PRR=1.0MHz, tw=500ns.
Figure 3. AC Test Circuit
Figure 4. AC Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com