Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3257QSC Datasheet(PDF) 8 Page - ON Semiconductor

Part # FST3257QSC
Description  Quad 2:1 Multiplexer / Demultiplexer Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FST3257QSC Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FST3257QSC Datasheet HTML 4Page - ON Semiconductor FST3257QSC Datasheet HTML 5Page - ON Semiconductor FST3257QSC Datasheet HTML 6Page - ON Semiconductor FST3257QSC Datasheet HTML 7Page - ON Semiconductor FST3257QSC Datasheet HTML 8Page - ON Semiconductor FST3257QSC Datasheet HTML 9Page - ON Semiconductor FST3257QSC Datasheet HTML 10Page - ON Semiconductor FST3257QSC Datasheet HTML 11Page - ON Semiconductor FST3257QSC Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3257 • Rev. 1.0.3
7
Physical Dimensions
X 45°
DETAIL A
SCALE: 2:1
8°
0°
NOTES: UNLESS OTHERWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO JEDEC
MS-012, VARIATION AC, ISSUE C.
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS ARE EXCLUSIVE OF BURRS, MOLD
FLASH AND TIE BAR PROTRUSIONS
D) CONFORMS TO ASME Y14.5M-1994
E) LANDPATTERN STANDARD: SOIC127P600X175-16AM
F) DRAWING FILE NAME: M16AREV12.
SEATING PLANE
GAGE PLANE
C
C
0.10
SEE DETAIL A
LAND PATTERN RECOMMENDATION
PIN ONE
NDICATOR
1
16
8
M
0.25
9
CB A
B
A
5.6
1.27
0.65
1.75
10.00
9.80
8.89
6.00
1.27
(0.30)
0.51
0.35
1.75 MAX
1.50
1.25
0.25
0.10
0.25
0.19
(1.04)
0.90
0.50
0.36
(R0.10)
(R0.10)
0.50
0.25
4.00
3.80
Figure 5. 16-Lead Small Outline Integrated Circuit (SOIC) JEDEC MS-012,0.150 Narrow
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify
or obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically
the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com