Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP250 Datasheet(PDF) 7 Page - XP Power Limited

Part # CMP250
Description  AC-DC Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CMP250 Datasheet(HTML) 7 Page - XP Power Limited

  CMP250 Datasheet HTML 1Page - XP Power Limited CMP250 Datasheet HTML 2Page - XP Power Limited CMP250 Datasheet HTML 3Page - XP Power Limited CMP250 Datasheet HTML 4Page - XP Power Limited CMP250 Datasheet HTML 5Page - XP Power Limited CMP250 Datasheet HTML 6Page - XP Power Limited CMP250 Datasheet HTML 7Page - XP Power Limited CMP250 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CMP250 Series
www.xppower.com
AC-DC Power Supplies
7
Mechanical Details
1. Dimensions shown in inches (mm).
Notes
CMP250PSxx-C (Covered)
Input Connector CON1
Pin
Function
1
Line
2
Neutral
3
Earth
Output Connector
CON2
+V1
CON3
-V1
Signals Connector CON5
1
-VE Standby V2
2
-VE Standby V2
3
+VE Standby V2
4
+VE Standby V2
5
+VE Aux. V3
6
-VE Aux. V3
7
+VE Sense, V1
8
- VE Sense, V1
9
Current Share
10
Inhibit
11
Power Fail
12
N/C
+VE Con2
-VE Con3
B
7.89, ±0.02 (200.5, ±0.5)
4.12, ±0.02
(104.6, ±0.5)
0.96
(24.4)
0.57 (14.6)
25.3
(1.0)
0.93
(23.5)
0.59 (15.1)
Output Terminals
M4 Screw in 2 positions
Torque to 8 lbs-in
(90 cNm) max.
SIGNAL CONNECTOR CON 5
Pin 2.
Pin 1.
Pin 11.
Pin 12.
1.92
(48.9)
1.00
(25.4)
0.75 (19.2)
6.70 (170.2)
0.94
(23.9)
1.06
(26.9)
M3 Mounting Holes in 4 positions,
Max penetration 0.09 in (2.5 mm)
2.00
(50.8)
5.70 (144.8)
M3 Mounting Holes in 4 positions,
Max penetration 0.09 in (2.5 mm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com