Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP250 Datasheet(PDF) 2 Page - XP Power Limited

Part # CMP250
Description  AC-DC Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CMP250 Datasheet(HTML) 2 Page - XP Power Limited

  CMP250 Datasheet HTML 1Page - XP Power Limited CMP250 Datasheet HTML 2Page - XP Power Limited CMP250 Datasheet HTML 3Page - XP Power Limited CMP250 Datasheet HTML 4Page - XP Power Limited CMP250 Datasheet HTML 5Page - XP Power Limited CMP250 Datasheet HTML 6Page - XP Power Limited CMP250 Datasheet HTML 7Page - XP Power Limited CMP250 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CMP250 Series
www.xppower.com
2
AC-DC Power Supplies
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
24
48
VDC
See Models and Ratings table
Initial Set Accuracy
±1
%
50% load, 115/230 VAC
Output Voltage Adjustment
±10
%
Minimum Load
0A
Start Up Delay
1.0
2.0
s
115/230 VAC full load from input AC turn on
Hold Up Time
20
ms
90 VAC, 250 W
Drift
±0.2
%
After 20 min warm up
Line Regulation
0.5
%
Load Regulation
1.0
%
0-100% load
Transient Response
<4
%
Recovery within 1% in less than 500 µs
for a 50-75%-50% load change
Ripple & Noise
1
% pk-pk
20 MHz bandwidth
Overvoltage Protection
115
140
%
Vnom DC. Output 1, recycle input to reset
Overload Protection
205
255
%
Of average power, approx. constant current
Short Circuit Protection
Continuous, no damage
Temperature Coefficient
0.05
%/˚C
Overtemperature Protection
Shut down & auto recovery
Patient Leakage Current
55
80
µA
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
80
115/230
264
VAC
Derate output power < 90 VAC. See fig. 1
Input Voltage - Fault Condition
300
VAC
0.5 seconds max
Input Frequency
47
50/60
63
Hz
Power Factor
>0.95
EN61000-3-2 class A compliant
EN61000-3-2 class C for loads ≥50%
Input Current - Full Load
5.2/2.6
A
115/230 VAC. 500 W
No Load Input Power
1.3
W
All models, when optional inhibit activated
7.8
CMP250PS24 - 115V AC
6.4
CMP250PS24 - 230V AC
6.5
CMP250PS36 - 115V AC
4.2
CMP250PS36 - 230V AC
7.0
CMP250PS48 - 115V AC
6.0
CMP250PS48 - 230V AC
Inrush Current
30
40
A
230 VAC
Earth Leakage Current
100/200
250
µA
Typ. 115/230 VAC 50 Hz, Max 264 VAC 60 Hz
Input Protection
F10 A/250 V internal fuse in both AC lines
225
200
150
175
250
80
85
Input Voltage (VAC)
Convection power
Average power
Peak Power for 1 minute
275
400
450
500
90
264
300
Input Voltage Derating
Figure 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com