Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP250PS48 Datasheet(PDF) 3 Page - XP Power Limited

Part # CMP250PS48
Description  AC-DC Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CMP250PS48 Datasheet(HTML) 3 Page - XP Power Limited

  CMP250PS48 Datasheet HTML 1Page - XP Power Limited CMP250PS48 Datasheet HTML 2Page - XP Power Limited CMP250PS48 Datasheet HTML 3Page - XP Power Limited CMP250PS48 Datasheet HTML 4Page - XP Power Limited CMP250PS48 Datasheet HTML 5Page - XP Power Limited CMP250PS48 Datasheet HTML 6Page - XP Power Limited CMP250PS48 Datasheet HTML 7Page - XP Power Limited CMP250PS48 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CMP250 Series
www.xppower.com
AC-DC Power Supplies
3
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
89
%
230 VAC, 250 W
Isolation: Input to Output
Input to Ground
Output to Ground
4000
VAC
2 x MOPP
1500
VAC
1 X MOPP
1500
VAC
1 X MOPP
Switching Frequency
62-560
kHz
PFC
59
kHz
Main converter
50-130
kHz
Standby
Power Density
5.3
W/in3
At Average Power Rating
Mean Time Between Failure
200
kHrs
MIL-HDBK-217F, Notice 2 +25 °C GB
Weight
2.02 (919)
lb (g)
CMP250PSxx
2.36 (1072)
CMP250PSxx-C
Efficiency Vs Load
Figure 2
24 V Models
Figure 3
36 V Models
Figure 4
48 V Models
115V
230V
70.00
75.00
80.00
85.00
90.00
95.00
100.00
100
150
200
250
300
350
400
450
500
Load (W)
115V
230V
70.00
75.00
80.00
85.00
90.00
95.00
100.00
100
150
200
250
300
350
400
450
500
Load (W)
115V
230V
70.00
75.00
80.00
85.00
90.00
95.00
100.00
100
150
200
250
300
350
400
450
500
Load (W)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com