Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP250PS48 Datasheet(PDF) 4 Page - XP Power Limited

Part # CMP250PS48
Description  AC-DC Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CMP250PS48 Datasheet(HTML) 4 Page - XP Power Limited

  CMP250PS48 Datasheet HTML 1Page - XP Power Limited CMP250PS48 Datasheet HTML 2Page - XP Power Limited CMP250PS48 Datasheet HTML 3Page - XP Power Limited CMP250PS48 Datasheet HTML 4Page - XP Power Limited CMP250PS48 Datasheet HTML 5Page - XP Power Limited CMP250PS48 Datasheet HTML 6Page - XP Power Limited CMP250PS48 Datasheet HTML 7Page - XP Power Limited CMP250PS48 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
P
-
+
-
+
-
+
-
+
V1 Output
V1 Output
V1 Output
- S
ens
e
+ Se
nse
Current
Share
Current
Share
Pin 9
CMP250PSXX (1)
CMP250PSXX (2)
CMP250PSXX (3)
Load
AC OK Collector
Pin 11
AC OK Emitter
5 V Standby pin 1
or pin 2
POWER SUPPLY
Transistor On (<0.8 V):
AC OK
Transistor Off (>4.5 V):
AC NOT OK
Signal Connectors
1 K
5 V Standby
Pin 3 or 4
Max 30 V 10 mA
(1)
CMP250PSXX (2)
C
(3)
L
P
Inhibit Hi
Pin 10
POWER SUPPLY
Signals Connector
Pin 8 (-sense)
(1)
CMP250PSXX (2)
C
(3)
L
CMP250 Series
www.xppower.com
4
AC-DC Power Supplies
Signals & Controls - Optional
Characteristic
Notes & Conditions
Remote Sense
Compensates for 0.5 V total voltage drop.
5 V Standby Supply (V2)
5 V/1.5 A supply, always present when AC supplied, isolated supply.
12 V Aux. (V3)
12 V/0.6 A supply, present when AC supplied, inhibit turns supply off. Referenced to V1 return.
AC OK/Power Fail
AC OK is an open collector transistor, referenced to V1 return, providing a minimum of 3 ms warning of loss of output
regulation. The transistor is normally on when AC is healthy. See fig. 5.
Inhibit
The inhibit high pin should be pulled below 0.4 V to switch V1 & V Aux (V3) off. Open circuit or 2-8 V maximum to
switch the output on. See fig. 6.
Current Share
Connecting pin 9 like voltage units (3 maximum) will force the current to share between the outputs. Units share
current within 10% of each other at full load. See fig. 7.
Figure 5
Power Fail
Figure 6
Inhibit (High)
Parallel & Current Share
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+70
°C
See derating curve, fig.8. and Thermal Considerations on page 8.
Storage Temperature
-40
+85
°C
Cooling
Convection-cooled
Humidity
95
%RH
Non-condensing
Operating Altitude
5000
m
Information Technology
4000
Medical
Shock
±3 x 30g shocks in each plane, total 18 shocks. 30g = 11ms (±0.5msec), half sine. Conforms to EN60068-2-27 & EN60068-2-47
Vibration
Single axis 10 - 500 Hz at 2g sweep and endurance at resonance in all 3 planes. Conforms to EN60068-2-6
-40
-20
0
+70
+50
50
100
Ambient Temperature (ºC)
0
Figure 8
Temperature Derating Curve
Figure 7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com