Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3382 Datasheet(PDF) 2 Page - PLX Technology

Part # USB3382
Description  PCI Express to USB 3.0 Peripheral Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

USB3382 Datasheet(HTML) 2 Page - PLX Technology

  USB3382 Datasheet HTML 1Page - PLX Technology USB3382 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USB 3382, PCI Express to USB 3.0 Peripheral Controller
© PLX Technology, www.plxtech.com
Page 2 of 2
6/22/2012, Version 1.2
Migrate PCI Express Endpoints to a USB 3.0
Product
The USB 3382 is designed to easily convert existing PCI
Express endpoints/adapter cards to a standalone USB 3.0
product.
Figure 2: Creating a multi-function USB 3.0 device with
two PCI Express based wireless radios and the USB
3382
Instead of a CPU configuring the PCI Express endpoint,
the USB 3382 can itself act as the PCI Express Root
Complex, with configuration information coming from its
internal 8051 CPU or from the USB host. Auto-
Enumeration Technology allows a standard USB host to
detect this new USB device even if no firmware has been
run. This means that firmware can actually be downloaded
to the USB device after initial boot-up.
The USB 3382 includes PCI Express clock and other
standard signals to compensate for features usually found
in a typical PCI Express Root Complex environment. The
USB 3382 supports two pairs of buffered, 100 MHz HCSL
output clocks, one pair for each downstream port when
configured in Adapter mode with one downstream port or
in Root Complex mode (one or two downstream ports).
Each clock output pair can be disabled by software or
serial EEPROM when not in use, for additional power
savings. This feature greatly reduces system BOM cost by
eliminating the need for extra clock buffers on the PCB.
Shared memory in the USB 3382 functions as main
memory for holding descriptors or other control data. The
integrated 8051 CPU can also be used to configure the
device to resemble a standard USB class device (like a
communications or video device) even if there is no local
intelligence on the peripheral.
Add a USB 3.0 Client Port to PCI Express-
Based Systems
The USB 3382 can also be used to easily add a USB 3.0
client port to any PCI Express based embedded system.
Figure 3: Combine the two PCI Express ports of the
USB 3382 into one x2 PCI Express Gen 1 connection
to maximize 5Gbps bandwidth
Development Tools
PLX offers hardware and software tools to enable rapid
customer design activity. These tools consist of a hardware
module (USB 3382 RDK), hardware documentation
(available at www.plxtech.com), and a Software
Development Kit.
Both USB host and peripheral-side software is included
with the USB 3382 RDK. The host-side software consists
of USB drivers and test applications. The peripheral-side
firmware is used to configure the USB 3382 to resemble a
standard USB class device (like a printer or mass storage
device) for which no USB host drivers will need to be
written. For custom applications, firmware APIs are
provided to abstract the USB transactions to reads and
writes. While this software is available for various
operating systems, it is written in standard C with
portability in mind.
Product Ordering Information
Part Number
Description
USB3382-AB50NI G
Two x1-port PCI Express Gen 2.0 to USB 3.0
SuperSpeed Peripheral Controller (10x10mm
2)
USB3382-AB-2U RDK
USB3382 Rapid Development Kit + CM107
(one x2 upstream port)
USB3382-AB-1U1D RDK
USB3382 Rapid Development Kit + CM160
(one x1 upstream, one x1 downstream)
USB3382-AB-1D RDK
USB3382 Rapid Development Kit + CM110
(two x1 downstream ports, Root Complex
Mode)
USB3382-AB-2D RDK
USB3382 Rapid Development Kit + CM108
(one x2 downstream port, Root Complex Mode)
Visit www.plxtech.com for more information.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com