Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3382 Datasheet(PDF) 1 Page - PLX Technology

Part # USB3382
Description  PCI Express to USB 3.0 Peripheral Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

USB3382 Datasheet(HTML) 1 Page - PLX Technology

  USB3382 Datasheet HTML 1Page - PLX Technology USB3382 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 3382, PCI Express to USB 3.0 Peripheral Controller
© PLX Technology, www.plxtech.com
Page 1 of 2
6/22/2012, Version 1.2
Features
USB 3.0 Client Interface
o
Compliant to the USB 3.0
Specification
o
1 upstream port
o
Supports SuperSpeed, Hi-Speed,
Full-Speed modes
o
Four Descriptor-based DMA
channels for automatic data
transfers
o
Supports USB Duet®
Technology
o
USB Auto-Enumeration
Technology
o
Support for Bulk, Isochronous,
and Interrupt Endpoints
o
USB Power Management
 USB 3.0 link power
management states: U0, U1,
U2, U3
 USB 2.0 link power
management states: L0, L1, L2
PCI Express Interface
o
PCI Express Gen 2 (5Gbps)
o
Electrical Compliance to PCI
Express Base Specification r2.0
o
Integrated root complex and
switch provides four
configurations:
 one x1 upstream port and one
x1 downstream port
 one x2 upstream port
 two x1 downstream ports
 one x2 downstream port
o
Reference Clock Buffered
Output signals for downstream
ports (RC mode)
o
Low latency
o
PCI Express Power Management
 All link power management
states: L0, L0s, L1, L2, L2/L3
Ready, and L3
 Device states: D0 and D3(hot
& cold)
 Vaux, Wake#, Beacon support
o
256 byte maximum payload size
General
o
Four GPIO pins for maximum
design flexibility
o
I
2C configuration/control option
o
10mm x 10mm 136-pin aQFN
package with 0.5 mm pitch
o
I-Temp support and Pb-free
The USB 3382 is a PCI Express Gen 2 to USB 3.0 SuperSpeed Peripheral
Controller. It features two PCI Express Gen 2 x1 ports and one USB 3.0-
compliant client port.
High Performance and Flexibility
The USB 3382 provides a matching bandwidth at 5 GTps
between the PCI Express Gen 2 bus and the USB 3.0
SuperSpeed bus. The controller can easily add a USB 3.0 client port to an
existing PCI Express system, as well as convert existing PCI Express functions
(endpoints) to a USB 3.0 product. The internal high performance switch can
configure the two PCI Express ports into one x1 upstream + one x1 downstream,
one x2 upstream, two x1 downstream, or one x2 downstream port. The
flexibility allows different system configurations to achieve the maximum
performance of the product.
Abundant Software
As the successor of the gold standard NET 2280, PCI to USB 2.0 peripheral
controller, the USB 3382 can be used with existing NET 2280 software with no
or minimal change. Driver stacks are already available in common OS’s such as
Windows (XP, Vista, 7 and CE), Linux, and VxWorks. USB Duet software from
PLX will provide the fastest PC interconnect at 400 mega bytes per second of
transfer speed with just a simple USB cable.
text
8051
SPI
I
2C
PLL
Memory Based
Switch
PCIe PHY
PCIe US/DS Port
PCIe PHY
DMA
USB OUT FIFOs
USB IN FIFOs
USB 2.0 PHY
USB 3.0 PHY
To USB Hi/FULL
SPEED HOST
To USB SUPER
SPEED HOST
PCIe DS Port
Figure 1: USB 3382 Block Diagram
Applications
Target applications for the USB 3382 as a PCI Express endpoint include PCs,
servers, docking stations, printers, and PCI Express embedded systems. The
main applications for the USB 3382 as a PCI Express root complex include
WLAN dongles, graphics/video dongles, and HDTV tuners/codec.


Similar Part No. - USB3382

ManufacturerPart #DatasheetDescription
logo
PLX Technology
USB3380 PLX-USB3380 Datasheet
117Kb / 2P
PCI Express to USB 3.0 Peripheral Controller
More results

Similar Description - USB3382

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT82C596B ETC-VT82C596B Datasheet
1Mb / 96P
PCI INTEGRATED PERIPHERAL CONTROLLER
VT82C586B ETC-VT82C586B Datasheet
393Kb / 69P
PCI INTEGRATED PERIPHERAL CONTROLLER
VT83C572 ETC-VT83C572 Datasheet
53Kb / 9P
PCI TO USB CONTROLLER
logo
Cypress Semiconductor
CY82C693UB CYPRESS-CY82C693UB Datasheet
1Mb / 164P
hyperCache TM / Stand-Alone PCI Peripheral Controller with USB
logo
PLX Technology
NET2280 PLX-NET2280 Datasheet
229Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2282 PLX-NET2282 Datasheet
110Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
logo
Silicon image
SII3531A SILICONIMAGE-SII3531A Datasheet
524Kb / 81P
PCI Express to Serial ATA Controller
logo
List of Unclassifed Man...
CPCI-6520 ETC2-CPCI-6520 Datasheet
541Kb / 2P
USB 3.0 and PCI-Express Gen3 support
logo
PLX Technology
USB2380 PLX-USB2380 Datasheet
133Kb / 2P
PCI Express to USB 2.0 Peripheral Controller
USB3380 PLX-USB3380 Datasheet
117Kb / 2P
PCI Express to USB 3.0 Peripheral Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com