Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2052BDR Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST2052BDR
Description  CURRENT LIMITED POWER DISTRIBUTION SWITCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2052BDR Datasheet(HTML) 3 Page - STMicroelectronics

  ST2052BDR Datasheet HTML 1Page - STMicroelectronics ST2052BDR Datasheet HTML 2Page - STMicroelectronics ST2052BDR Datasheet HTML 3Page - STMicroelectronics ST2052BDR Datasheet HTML 4Page - STMicroelectronics ST2052BDR Datasheet HTML 5Page - STMicroelectronics ST2052BDR Datasheet HTML 6Page - STMicroelectronics ST2052BDR Datasheet HTML 7Page - STMicroelectronics ST2052BDR Datasheet HTML 8Page - STMicroelectronics ST2052BDR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ST2052
3/9
Figure 2: Block Diagram
Table 5: Power Switch Electrical Characteristics (VI = 5.5V, IO = rated current, VIEN =VI, TJ = 25°C,
unless otherwise specified.) (See Note 1)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RDS(ON) Static Drain-Source
ON-State Resistance
VI =5V
IO = 0.5A
80
100
m
Ω
VI =5V
IO = 0.5ATJ=85°C
90
120
VI =5V
IO = 0.5ATJ=125°C
100
135
VI =3.3V IO = 0.5A
90
125
VI =3.3V IO = 0.5ATJ=85°C
110
145
VI =3.3V IO = 0.5ATJ=125°C
120
160
tr
Output Rise Time
VI =5.5V RL=10Ω CL=1µF2.5
ms
VI =2.7V RL=10Ω CL=1µF3
tf
Output Fall Time
VI =5.5V RL=10Ω CL=1µF0.3
ms
VI =2.7V RL=10Ω CL=1µF0.2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com