Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2052BDR Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST2052BDR
Description  CURRENT LIMITED POWER DISTRIBUTION SWITCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2052BDR Datasheet(HTML) 4 Page - STMicroelectronics

  ST2052BDR Datasheet HTML 1Page - STMicroelectronics ST2052BDR Datasheet HTML 2Page - STMicroelectronics ST2052BDR Datasheet HTML 3Page - STMicroelectronics ST2052BDR Datasheet HTML 4Page - STMicroelectronics ST2052BDR Datasheet HTML 5Page - STMicroelectronics ST2052BDR Datasheet HTML 6Page - STMicroelectronics ST2052BDR Datasheet HTML 7Page - STMicroelectronics ST2052BDR Datasheet HTML 8Page - STMicroelectronics ST2052BDR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ST2052
4/9
Table 6: Enable Input ENx Characteristics (VI = 5.5V, IO = rated current, VIEN =VI, TJ = 25°C, unless
otherwise specified.) (See Note 1)
Table 7: Current Limit Characteristics (VI = 5.5V, IO = rated current, VIEN =VI, TJ = 25°C, unless other-
wise specified.) (See Note 1)
Table 8: Supply Current Characteristics (VI = 5.5V, IO = rated current, VIEN =VI, TJ = 25°C, unless oth-
erwise specified.) (See Note 1)
Table 9: Undervoltage Characteristics (VI = 5.5V, IO = rated current, VIEN =VI, TJ = 25°C, unless other-
wise specified.) (See Note 1)
Table 10: Overcurrent (OC) Characteristics (VI = 5.5V, IO = rated current, VIEN =VI, TJ = 25°C, unless
otherwise specified.) (See Note 1)
Note 1: Pulse testing techniques maintain junction temperature close to ambient temperature: thermal effect must be takes into account sep-
arately.
Note 2: Specified by design, not production tested.
Note 3: Guaranteed by design.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIH
High level Input Voltage
VI =2.7V to 5.5V
2
V
VIL
Low level Input Voltage
VI =4.5V to 5.5V
0.8
V
VI =2.7V to 4.5V
0.4
II
Input Current
VIENX = VI or 0V
-0.5
0.5
µA
ton
Turn-on Time
RL=10Ω CL=100µF20
ms
toff
Turn-off Time
RL=10Ω CL=100µF40
ms
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IOS
Short Circuit Output Current VI =5V, OUT connected to GND, device
enabled into short circuit
0.711.3
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISOL
Current Low Level Output
VIENX = 0, No Load,
0.025
1
µA
VIENX = 0, No Load,
TJ=-40 to 125°C
10
ISOH
Current Low High Output
VIENX = VI, No Load,
70
90
µA
VIENX = VI, No Load, TJ=-40 to 125°C
100
IL
Output Leakage Current
VIENX = 0, Output Connected to GND,
TJ=-40 to 125°C
10
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Low Level Input Voltage
2
2.5
V
VHYS
Hysteresys
100
mV
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISINK
Sink Current
VO =5V
10
mA
VO
Output Low Voltage
IO =5mA
0.5
V
IOFF
OFF-State Current
VO =5V VO =3.3V
1
µA
TFB
Fault-Blanking period
VI =5.5V, TJ=25°C (See Note 2 and 3)
2
10
ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com