Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP7NB60FD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGP7NB60FD
Description  N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP7NB60FD Datasheet(HTML) 1 Page - STMicroelectronics

  STGP7NB60FD Datasheet HTML 1Page - STMicroelectronics STGP7NB60FD Datasheet HTML 2Page - STMicroelectronics STGP7NB60FD Datasheet HTML 3Page - STMicroelectronics STGP7NB60FD Datasheet HTML 4Page - STMicroelectronics STGP7NB60FD Datasheet HTML 5Page - STMicroelectronics STGP7NB60FD Datasheet HTML 6Page - STMicroelectronics STGP7NB60FD Datasheet HTML 7Page - STMicroelectronics STGP7NB60FD Datasheet HTML 8Page - STMicroelectronics STGP7NB60FD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
June 2003
STGP7NB60FD - STGB7NB60FD
N-CHANNEL 7A - 600V TO-220 / D2PAK
PowerMESH™ IGBT
s
HIGH INPUT IMPEDANCE
s
LOW ON-VOLTAGE DROP (Vcesat)
s
OFF LOSSES INCLUDE TAIL CURRENT
s
LOW GATE CHARGE
s
HIGH CURRENT CAPABILITY
s
HIGH FREQUENCY OPERATION
s
CO-PACKAGED WITH TURBOSWITCH™
ANTIPARALLEL DIODE
DESCRIPTION
Using the latest high voltage technology based on a
patented strip layout, STMicroelectronics has de-
signed an advanced family of IGBTs, the Power-
MESH™ IGBTs, with outstanding perfomances.
The suffix "F" identifies a family optimized to
achieve very low switching switching times for high
frequency applications (<40KHZ)
APPLICATIONS
s
MOTOR CONTROLS
s
SMPS AND PFC AND BOTH HARD SWITCH
AND RESONANT TOPOLOGIES
ORDERING INFORMATION
TYPE
VCES
VCE(sat) (Max)
@25°C
IC
@100°C
STGP7NB60FD
STGB7NB60FD
600 V
600 V
<2.4 V
<2.4 V
7A
7A
SALES TYPE
MARKING
PACKAGE
PACKAGING
STGP7NB60FD
GP7NB60FD
TO-220
TUBE
STGB7NB60FDT4
GB7NB60FD
D2PAK
TAPE & REEL
TO-220
1
2
3
D2PAK
1
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STGP7NB60FD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP7NB60F STMICROELECTRONICS-STGP7NB60F Datasheet
330Kb / 8P
N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
Jun-2003
More results

Similar Description - STGP7NB60FD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP7NB60H STMICROELECTRONICS-STGP7NB60H Datasheet
86Kb / 8P
N-CHANNEL 7A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP7NB60HD STMICROELECTRONICS-STGP7NB60HD Datasheet
103Kb / 9P
N-CHANNEL 7A - 600V TO-220/FP PowerMESH IGBT
Jun-1999
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
710Kb / 14P
N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2002
STGP7NB60KD STMICROELECTRONICS-STGP7NB60KD Datasheet
330Kb / 12P
N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
May-2004
STGP7NB60F STMICROELECTRONICS-STGP7NB60F Datasheet
330Kb / 8P
N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
Jun-2003
STGB6NC60H STMICROELECTRONICS-STGB6NC60H Datasheet
326Kb / 14P
N-channel 600V - 7A - D2PAK Very fast PowerMESH TM IGBT
27-Jul-2006
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
31-Jul-2006
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD_07 Datasheet
424Kb / 18P
N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH™IGBT
26-Apr-2007
STGF19NC60WD STMICROELECTRONICS-STGF19NC60WD Datasheet
315Kb / 14P
N-channel 600V - 7A - TO-220 Ultra fast PowerMESH IGBT
08-May-2007
STGP7NB60M STMICROELECTRONICS-STGP7NB60M Datasheet
529Kb / 11P
N-CHANNEL 7A - 600V TO-220 / DPAK PowerMESH™ IGBT
Jun-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com