Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP7NB60FD Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGP7NB60FD
Description  N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP7NB60FD Datasheet(HTML) 3 Page - STMicroelectronics

  STGP7NB60FD Datasheet HTML 1Page - STMicroelectronics STGP7NB60FD Datasheet HTML 2Page - STMicroelectronics STGP7NB60FD Datasheet HTML 3Page - STMicroelectronics STGP7NB60FD Datasheet HTML 4Page - STMicroelectronics STGP7NB60FD Datasheet HTML 5Page - STMicroelectronics STGP7NB60FD Datasheet HTML 6Page - STMicroelectronics STGP7NB60FD Datasheet HTML 7Page - STMicroelectronics STGP7NB60FD Datasheet HTML 8Page - STMicroelectronics STGP7NB60FD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
STGP7NB60FD - STGB7NB60FD
ELECTRICAL CHARACTERISTICS (CONTINUED)
DYNAMIC
SWITCHING ON
SWITCHING OFF
COLLECTOR-EMITTER DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by max. junction temperature.
(**)Losses include Also the Tail (Jedec Standardization)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VCE =25 V,Ic= 7A
6S
Cies
Input Capacitance
VCE =25V,f=1 MHz,VGE =0
540
pF
Coes
Output Capacitance
80
pF
Cres
Reverse Transfer
Capacitance
13
pF
Qg
Qge
Qgc
Total Gate Charge
Gate-Emitter Charge
Gate-Collector Charge
VCE =480V, IC =7 A,
VGE = 15V
37
4
18
50
nC
nC
nC
ICL
Latching Current
Vclamp = 480 V
Tj = 125°C , RG =10 Ω
28
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VCC = 480 V, IC = 7ARG =10Ω ,
VGE =15 V
17
6
ns
ns
(di/dt)on
Eon
Turn-on Current Slope
Turn-on Switching Losses
VCC= 480 V, IC =7 ARG=10Ω
VGE = 15 V,Tj =125°C
890
59
A/µs
µJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tc
Cross-over Time
Vcc = 480 V, IC =7 A,
RG =10 Ω ,VGE =15 V
190
ns
tr(Voff)
Off Voltage Rise Time
45
ns
td(off)
Delay Time
107
ns
tf
Fall Time
140
ns
Eoff(**)
Turn-off Switching Loss
240
µJ
Ets
Total Switching Loss
300
µJ
tc
Cross-over Time
Vcc = 480 V, IC =7 A,
RG =10 Ω ,VGE =15 V
Tj = 125 °C
410
ns
tr(Voff)
Off Voltage Rise Time
195
ns
td(off)
Delay Time
204
ns
tf
Fall Time
650
ns
Eoff(**)
Turn-off Switching Loss
565
µJ
Ets
Total Switching Loss
625
µJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
If
Ifm
Forward Current
Forward Current pulsed
7
56
A
A
Vf
Forward On-Voltage
If = 3.5 A
If = 3.5 A, Tj = 125 °C
1.4
1.1
1.9
V
V
trr
Qrr
Irrm
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
If = 7A,VR =40V,
Tj =125°C, di/dt = 100 A/
µs
50
70
2.7
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com