Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1061709 Datasheet(PDF) 3 Page - SICK AG

Part # 1061709
Description  SAFE SERIES CONNECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1061709 Datasheet(HTML) 3 Page - SICK AG

  1061709 Datasheet HTML 1Page - SICK AG 1061709 Datasheet HTML 2Page - SICK AG 1061709 Datasheet HTML 3Page - SICK AG 1061709 Datasheet HTML 4Page - SICK AG 1061709 Datasheet HTML 5Page - SICK AG 1061709 Datasheet HTML 6Page - SICK AG 1061709 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FLN-OSSD1000105 | Flexi Loop
SAFE SERIES CONNECTION
Type of supply voltage
PELV or SELV
Supply voltage Vs
24 V DC (16.8 V DC ... 30 V DC)
Power consumption
45 mA
OSSD inputs
Input voltage
HIGH 13 V DC ... 30 V DC
LOW –5 V DC ... 5 V DC
Input current
HIGH 3.5 mA ... 6.2 mA
LOW –2.5 mA ... 2.5 mA
Non-safe inputs
Switching voltage
HIGH 13 V DC ... 30 V DC
LOW 0 V DC ... 5 V DC
Input current
≤ 6.2 mA
Power supply output for external devices
Supply voltage
24 V DC (16.8 V DC ... 30 V DC)
Output current
≤ 3.9 A
Mechanical data
Dimensions (W x H x D)
68.15 mm x 48 mm x 18 mm
Weight
28 g (± 5 %)
Ambient data
Enclosure rating
IP65 (EN 60529)
IP67 (EN 60529)
Ambient operating temperature
–25 °C ... +55 °C
Storage temperature
–25 °C ... +70 °C
Classifications
ECl@ss 5.0
27371990
ECl@ss 5.1.4
27371990
ECl@ss 6.0
27371819
ECl@ss 6.2
27371819
ECl@ss 7.0
27371819
ECl@ss 8.0
27371819
ECl@ss 8.1
27371819
ECl@ss 9.0
27371819
ETIM 5.0
EC001449
ETIM 6.0
EC001449
UNSPSC 16.0901
41113704
2018-02-16 09:46:12 | Online data sheet
Subject to change without notice
SENS:CONTROL - SAFE CONTROL SOLUTIONS | SICK
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com