Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1061709 Datasheet(PDF) 5 Page - SICK AG

Part # 1061709
Description  SAFE SERIES CONNECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1061709 Datasheet(HTML) 5 Page - SICK AG

  1061709 Datasheet HTML 1Page - SICK AG 1061709 Datasheet HTML 2Page - SICK AG 1061709 Datasheet HTML 3Page - SICK AG 1061709 Datasheet HTML 4Page - SICK AG 1061709 Datasheet HTML 5Page - SICK AG 1061709 Datasheet HTML 6Page - SICK AG 1061709 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FLN-OSSD1000105 | Flexi Loop
SAFE SERIES CONNECTION
Con-
nec-
tion
Pin Sig-
nal
Description
Col-
or-cod-
ed
con-
nect-
ing
cable
FL_IN 1
VDC
24 V supply voltage
Brown
2
DA-
TA_OUT
Out-
put to
Flexi
Soft
input
In +1
White
3
GND GND
sup-
ply
volt-
age
Blue
4 SAFE_OUTSafe
cut-off
sig-
nal,
out-
put to
Flexi
Soft
input
In
Black
5
DA-
TA_IN
Input
from
Flexi
Soft
out-
put Xn
Gray
OSSD 1
VDC
24 V supply volt-
age for safety device
Brown
2 OSSD1Input
OSSD1
White
3
GND GND
sup-
ply
volt-
age
for
safety
de-
vice
Blue
4 OSSD2Input
OSSD2
Black
5 AUX_INNon-
safe
input
Gray
The colors listed apply when using pre-
assembled cables (no guarantee).
2018-02-16 09:46:12 | Online data sheet
Subject to change without notice
SENS:CONTROL - SAFE CONTROL SOLUTIONS | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com