Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1690L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # P1690L-S08-R
Description  0.4A, 150KHZ 65V BUCK DC TO DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1690L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  P1690L-S08-R Datasheet HTML 1Page - Unisonic Technologies P1690L-S08-R Datasheet HTML 2Page - Unisonic Technologies P1690L-S08-R Datasheet HTML 3Page - Unisonic Technologies P1690L-S08-R Datasheet HTML 4Page - Unisonic Technologies P1690L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P1690
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 5
www.unisonic.com.tw
QW-R103-081.D
ABSOLU T E M AX I M U M RAT I N G
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
-0.3 ~ 70
V
Feedback Pin Voltage
VFB
-0.3 ~ VIN
V
EN Pin Voltage
VEN
-0.3 ~ VIN
V
Output Switch Pin Voltage
VSW
-0.3 ~ VIN
V
Power Dissipation
PD
Internally limited
mW
Junction to Ambient, No Heatsink, Free Air
JA
60
°C/W
Operating Junction Temperature
TJ
-40 ~ 125
°C
Storage Temperature
TSTG
-65 ~ 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECT RI CAL CH ARACT ERI ST I CS (TA=25°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
System Parameters Test Circuit Figure1
FB Voltage
VFB
VIN=36V~65V, Iload=0.05A~0.3A
1.225
1.25
1.275
V
Efficiency
VIN=36V,VOUT=15V, IOUT=0.3A
88
%
Efficiency
VIN=48V, VOUT=15V, IOUT=0.4A
87
%
Efficiency
VIN=60V, VOUT=15V, IOUT=0.4A
83
%
ELECT RI CAL CH ARACT ERI ST I CS (DC PARAMETERS)
(VIN=48V, GND=0V, VIN & GND parallel connect a 33uf/100V capacitor; IOUT=0.2A, TA=25°C the others floating
unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Operation Voltage
VIN
5
65
V
Shutdown Supply Current
ISTBY
VEN=2V
85
200
uA
Quiescent Supply Current
Iq
VON/OFF=0V, VFB=VIN
2.5
5
mA
Oscillator Frequency
Fosc
120
150
180
KHz
Switch Current Limit
IL
VFB=0
0.4
A
High (Regulator OFF)
1.6
V
EN Pin Threshold
VEN
Low (Regulator ON)
0.8
V
IH
VEN=2.5V (OFF)
6
20
uA
EN Pin Input Leakage Current
IL
VEN=0.5V (ON)
1
20
uA
Output Saturation Voltage
VCE
VFB=0V, IOUT=0.4A
0.85
V
Max. Duty Cycle
DMAX
VFB=0V
100
%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com