Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1690L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P1690L-S08-R
Description  0.4A, 150KHZ 65V BUCK DC TO DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1690L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  P1690L-S08-R Datasheet HTML 1Page - Unisonic Technologies P1690L-S08-R Datasheet HTML 2Page - Unisonic Technologies P1690L-S08-R Datasheet HTML 3Page - Unisonic Technologies P1690L-S08-R Datasheet HTML 4Page - Unisonic Technologies P1690L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
P1690
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R103-081.D
0 .4 A, 1 5 0 K H Z 6 5 V BU CK DC
T O DC CON V ERT ER
DESCRI PT I ON
The UTC P1690 is a PWM buck (step-down) DC/DC
converter, fixed frequency of 150KHz, capable of driving a 0.4A
load with high efficiency, low ripple and excellent line and load
regulation.
The P1690 built kinds of protect circuit inside. Such as OTP
SCP and so on.
FEAT U RES
* Wide 5V~ 65V Operation Voltage
* Output Adjustable from 1.25V~25V
* High efficiency up to 85%
* Maximum Duty Cycle 100%
* Fixed 150KHz Switching Frequency
* Built in OTP
* Built in SCP
* Built in OCP
SOP-8
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
P1690L-S08-R
P1690G-S08-R
SOP-8
Tape Reel
M ARK I N G


Similar Part No. - P1690L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1690G-S08-R UTC-P1690G-S08-R Datasheet
172Kb / 5P
Fixed 150KHz Switching Frequency
More results

Similar Description - P1690L-S08-R

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
150kHz 3A BUCK DC-DC CONVERTER
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
2A 150KHz 40V Buck DC to DC Converter
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
3A 150KHz 40V Buck DC to DC Converter
XL7005A ETC2-XL7005A Datasheet
300Kb / 10P
0.4A 150KHz 80V Buck DC to DC Converter
XL7016 ETC2-XL7016 Datasheet
204Kb / 9P
0.5A 150KHz 100V Buck DC to DC Converter
logo
XLSEMI
XL7005 XLSEMI-XL7005 Datasheet
205Kb / 7P
0.5A 200KHz 65V Buck DC to DC Converter
XL7005A XLSEMI-XL7005A Datasheet
336Kb / 10P
0.4A 150KHz 80V Buck DC to DC Converter
XL7025 XLSEMI-XL7025 Datasheet
262Kb / 10P
0.6A 150KHz 80V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1509 HMSEMI-HM1509 Datasheet
324Kb / 13P
2A 150KHz 40V Buck DC to DC Converter
HM3107B HMSEMI-HM3107B Datasheet
775Kb / 9P
0.4A 150KHz 80V step-down DC-DC converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com