Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34063AL-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # MC34063AL-S08-R
Description  DC TO DC CONVERTER CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34063AL-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

  MC34063AL-S08-R Datasheet HTML 1Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 2Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 3Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 4Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 5Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 6Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 7Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 8Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MC34063A
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
8 of 9
www.unisonic.com.tw
QW-R103-008.N
T Y PI CAL CH ARACT ERI ST I CS
Output Switch ON-OFF Time versus
Oscillator Timing Capacitor
Oscillator Timing Capacitor, CT (nF)
Timing Capacitor Waveform
10
μs/DIV
10
3
10
2
10
1
10
0
10
-2
10
-1
10
0
10
1
VCC = 5.0V
Pin 7 = VCC
Pin 5 = GND
TA = 25
tON
tOFF
Pin 1,5,8 = Open
CT = 1.0nF
TA = 25
VCC = 5.0V
Pin 7 = VCC
Pin 2 = GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com