Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34063AL-S08-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # MC34063AL-S08-R
Description  DC TO DC CONVERTER CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34063AL-S08-R Datasheet(HTML) 9 Page - Unisonic Technologies

  MC34063AL-S08-R Datasheet HTML 1Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 2Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 3Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 4Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 5Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 6Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 7Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 8Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MC34063A
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
9 of 9
www.unisonic.com.tw
QW-R103-008.N
DESI GN FORM U LA T ABLE
CALCULATION
STEP-DOWN
STEP-UP
VOLTAGE-INVERTING
tON
tOFF
VOUT + VF
VIN -VCE(SAT)
(tON+tOFF)MAX
1
FMIN
1
FMIN
CT
4x10
-5 t
ON
4x10
-5 t
ON
4x10
-5 t
ON
ISW
2IOUT(MAX)
RS
0.3/ISW
0.3/ISW
0.3/ISW
L(MIN)
CO
IOUT tON
VRIPPLE(P-P)
9
VCE(SAT)
- Saturation voltage of the output switch.
VF
- Forward voltage drop of the ringback rectifier.
The following power supply characteristics must be chosen:
VIN
- Nominal input voltage.
VOUT
- Desired output voltage, VOUT =1.25(1+R2/R1)
IOUT
- Desired output current.
FMIN
- Minimum desired output switching frequency at the selected values for VIN and IOUT.
VRIPPLE(P-P)
- Desired peak-to-peak output ripple voltage. In practice, the calculated value will need to be increased
due to the capacitor equivalent series resistance and board layout. The ripple voltage should be kept
to a low value since it will directly effect the line and load regulation.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com