Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USRB01G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # USRB01G-S08-R
Description  HIGH PRECISION CC/CV PRIMARY SIDE SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USRB01G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  USRB01G-S08-R Datasheet HTML 1Page - Unisonic Technologies USRB01G-S08-R Datasheet HTML 2Page - Unisonic Technologies USRB01G-S08-R Datasheet HTML 3Page - Unisonic Technologies USRB01G-S08-R Datasheet HTML 4Page - Unisonic Technologies USRB01G-S08-R Datasheet HTML 5Page - Unisonic Technologies USRB01G-S08-R Datasheet HTML 6Page - Unisonic Technologies USRB01G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
USRB01
Preliminary
`
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
2 of 7
www.unisonic.com.tw
QW-R103-080.c
PI N CON FI GU RAT I ON
PI N DESCRI PT I ON
PIN NO.
PIN NAME
DESCRIPTION
1
VCC
Power supply
2
VC
Low pass filter capacitor for cable compensation
3
FB
The voltage feedback from the auxiliary winding
4
CS
Current sense input
5~6
C
The collector of the power NPN
7~8
GND
Ground
BLOCK DI AGRAM
Regulator
&Ref
Por
VCC
Logic core
OVP
+
-
FB
+
-
CV
controller
Base
drive
+
-
C
+
-
LEB
CC
controller
VC
GND
Tdemag
detector
CS
I_ drive
Drop
comp
5/6
4
7/8
2
3
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com