Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USRB01G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # USRB01G-S08-R
Description  HIGH PRECISION CC/CV PRIMARY SIDE SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USRB01G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  USRB01G-S08-R Datasheet HTML 1Page - Unisonic Technologies USRB01G-S08-R Datasheet HTML 2Page - Unisonic Technologies USRB01G-S08-R Datasheet HTML 3Page - Unisonic Technologies USRB01G-S08-R Datasheet HTML 4Page - Unisonic Technologies USRB01G-S08-R Datasheet HTML 5Page - Unisonic Technologies USRB01G-S08-R Datasheet HTML 6Page - Unisonic Technologies USRB01G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
USRB01
Preliminary
`
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 7
www.unisonic.com.tw
QW-R103-080.c
ABSOLU T E M AX I M U M RAT I N G
PARAMETER
SYMBOL
RATINGS
UNIT
VDD Voltage
-0.3~30
V
VC Voltage
-0.3~7
V
C Voltage
-0.3~700
V
CS Input Voltage
-0.3~7
V
FB Input Voltage
-0.3~7
V
Junction Temperature
TJ
-40~150
°C
Storage Temperature
TSTG
-55~150
°C
Lead Temperature (Soldering, 10 secs)
TOPR
260
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
T H ERM AL DAT A
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJC
150
°C/W
ELECT RI CAL CH ARACT ERI ST I CS (TA=25°C, VDD=15V, if not otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage (VDD) Section
Start up Current
IST
VDD=11V
1
3
μA
Static Current
IOP
VDD=15V
300
400
μA
Turn-off Threshold Voltage
VTH(OFF)
6.0
6.8
7.6
V
Turn-on Threshold Voltage
VTH (ON)
11.5
12.5
13.5
V
VDD Over Protect Voltage
VDD_OVP
25
27
29
V
Operating Voltage
25
V
Current Sense Input Section
LEB Time
TLEB
2.5
μS
Over Current Threshold
VCS
470
500
520
mV
OCP Propagation Delay
TD_OC
From OCP Comparator to Base
Drive
200
nS
FB Input Section
Reference Voltage for Feedback
Threshold
VFB
1.98
2.00
2.02
V
Maximum Cable Compensation
Current
Icable
47
52
56
μA
Power BJT Section
Collector-emitter breakdown voltage
VCEO
IC=10mA, IB=0
450
V
Collect Peak Current
IC
0.6
A
Collector-Base Breakdown Voltage
VCBO
IC=10mA
700
V
On Chip Over Temperature Section
Over Temperature Protection
T_otp
150
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com